Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V2111L20PFG8 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 72V2111L20PFG8
Description  3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V2111L20PFG8 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 72V2111L20PFG8 Datasheet HTML 7Page - Integrated Device Technology 72V2111L20PFG8 Datasheet HTML 8Page - Integrated Device Technology 72V2111L20PFG8 Datasheet HTML 9Page - Integrated Device Technology 72V2111L20PFG8 Datasheet HTML 10Page - Integrated Device Technology 72V2111L20PFG8 Datasheet HTML 11Page - Integrated Device Technology 72V2111L20PFG8 Datasheet HTML 12Page - Integrated Device Technology 72V2111L20PFG8 Datasheet HTML 13Page - Integrated Device Technology 72V2111L20PFG8 Datasheet HTML 14Page - Integrated Device Technology 72V2111L20PFG8 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2101/72V2111 3.3V HIGH DENSITY CMOS
SUPERSYNC FIFOTM 262,144 x 9, 524,288 x 9
SERIAL PROGRAMMING MODE
If Serial Programming mode has been selected, as described above, then
programming of PAE and PAF values can be achieved by using a
combination of the LD, SEN, WCLK and SI input pins. Programming PAE
and PAF proceeds as follows: when LD and SEN are set LOW, data on the
SI input are written, one bit for each WCLK rising edge, starting with the
Empty Offset LSB and ending with the Full Offset MSB. A total of 36 bits
for the IDT72V2101 and 38 bits for the IDT72V2111. See Figure 13, Serial
Loading of Programmable Flag Registers, for the timing diagram for this
mode.
Using the serial method, individual registers cannot be programmed
selectively. PAE and PAF can show a valid status only after the complete
set of bits (for all offset registers) has been entered. The registers can be
reprogrammed as long as the complete set of new offset bits is entered.
When LD is LOW and SEN is HIGH, no serial write to the registers can
occur.
Write operations to the FIFO are allowed before and during the serial
programming sequence. In this case, the programming of all offset bits
does not have to occur at once. A select number of bits can be written to
the SI input and then, by bringing LD and SEN HIGH, data can be written
to FIFO memory via Dn by toggling WEN. When WEN is brought HIGH with
LD and SEN restored to a LOW, the next offset bit in sequence is written
to the registers via SI. If an interruption of serial programming is desired,
it is sufficient either to set LD LOW and deactivate SEN or to set SEN LOW
and deactivate LD. Once LD and SEN are both restored to a LOW level,
serial offset programming continues.
From the time serial programming has begun, neither partial flag will be
valid until the full set of bits required to fill all the offset registers has been
written. Measuring from the rising WCLK edge that achieves the above
criteria; PAF will be valid after two more rising WCLK edges plus tPAF, PAE
will be valid after the next two rising RCLK edges plus tPAE plus tSKEW2.
It is not possible to read the flag offset values in a serial mode.
PARALLEL MODE
IfParallelProgrammingmodehasbeenselected,asdescribedabove,then
programmingofPAEandPAFvaluescanbeachievedbyusingacombination
of the LD, WCLK , WEN and Dn input pins.
ProgrammingPAEandPAFproceedsasfollows: whenLDandWENare
setLOW,dataontheinputsDnarewrittenintotheEmptyOffsetLSBRegister
onthefirstLOW-to-HIGHtransitionofWCLK. UponthesecondLOW-to-HIGH
transitionofWCLK,dataarewrittenintotheEmptyOffsetMid-ByteRegister.
UponthethirdLOW-to-HIGHtransitionofWCLK,data arewrittenintotheEmpty
OffsetMSBRegister. UponthefourthLOW-to-HIGHtransitionofWCLK,data
are written into the Full Offset LSB Register. Upon the fifth LOW-to-HIGH
transitionofWCLK,dataarewrittenintotheFullOffsetMid-ByteRegister. Upon
thesixthLOW-to-HIGHtransitionofWCLK,dataarewrittenintotheFullOffset
MSB Register. The seventh transition of WCLK writes, once again, into the
EmptyOffsetLSBRegister.SeeFigure14,ParallelLoadingofProgrammable
FlagRegisters,forthetimingdiagramforthismode.
Theactofwritingoffsetsinparallelemploysadedicatedwriteoffsetregister
pointer. The act of reading offsets employs a dedicated read offset register
pointer.Thetwopointersoperateindependently;however,areadandawrite
shouldnotbeperformedsimultaneouslytotheoffsetregisters. AMasterReset
initializesbothpointerstotheEmptyOffset(LSB)register.APartialResethas
noeffectonthepositionofthesepointers.
Write operations to the FIFO are allowed before and during the parallel
programmingsequence.Inthiscase,theprogrammingofalloffsetregistersdoes
nothavetooccuratonetime. One,twoormoreoffsetregisterscanbewritten
andthenbybringingLDHIGH,writeoperationscanberedirectedtotheFIFO
memory.WhenLDissetLOWagain,andWENisLOW,thenextoffsetregister
insequenceiswrittento.AsanalternativetoholdingWENLOWandtoggling
LD, parallel programming can also be interrupted by setting LD LOW and
togglingWEN.
Notethatthestatusofapartialflag(PAEorPAF)outputisinvalidduringthe
programmingprocess. Fromthetimeparallelprogramminghasbegun,apartial
flagoutputwillnotbevaliduntiltheappropriateoffsetwordhasbeenwrittento
theregister(s)pertainingtothatflag.MeasuringfromtherisingWCLKedgethat
achievestheabovecriteria;PAFwillbevalidaftertwomorerisingWCLKedges
plustPAF,PAEwillbevalidafterthenexttworisingRCLKedgesplustPAEplus
tSKEW2.
The act of reading the offset registers employs a dedicated read offset
register pointer. The contents of the offset registers can be read on the Q0-
Qn pins when LD is set LOW and REN is set LOW.
For the IDT72V2101/72V2111, data is read via Qn from the Empty Offset
LSB Register on the first LOW-to-HIGH transition of RCLK. Upon the second
LOW-to-HIGHtransitionofRCLK, dataarereadfromtheEmptyOffsetMid-Byte
Register. UponthethirdLOW-to-HIGHtransitionofRCLK,dataarereadfrom
the Empty Offset MSB Register. Upon the fourth LOW-to-HIGH transition of
RCLK, data are read from the Full Offset LSB Register. Upon the fifth LOW-
to-HIGHtransitionofRCLK,dataarereadfromtheFullOffsetMid-ByteRegister.
Upon the sixth LOW-to-HIGH transition of RCLK, data are read from the Full
OffsetMSBRegister. TheseventhtransitionofRCLKreads,onceagain,from
theEmptyOffsetLSBRegister.SeeFigure15,ParallelReadofProgrammable
Flag Registers, for the timing diagram for this mode.
Itispermissibletointerrupttheoffsetregisterreadsequencewithreadsor
writestotheFIFO. TheinterruptionisaccomplishedbydeassertingREN,LD,
or both together. When REN and LD are restored to a LOW level, reading of
theoffsetregisterscontinueswhereitleftoff.Itshouldbenoted,andcareshould
betakenfromthefactthatwhenaparallelreadoftheflagoffsetsisperformed,
the data word that was present on the output lines Qn will be overwritten.
Parallel reading of the offset registers is always permitted regardless of
which timing mode (IDT Standard or FWFT modes) has been selected.
RETRANSMITOPERATION
The Retransmit operation allows data that has already been read to be
accessed again. There are two stages: first, a setup procedure that resets
the read pointer to the first location of memory, then the actual retransmit,
which consists of reading out the memory contents, starting at the beginning
of memory.
Retransmit setup is initiated by holding RT LOW during a rising RCLK
edge. REN and WEN must be HIGH before bringing RT LOW. At least two
words, but no more than D - 2 words should have been written into the FIFO
and read from the FIFO between Reset (Master or Partial) and the time of
Retransmitsetup. D = 262,144fortheIDT72V2101andD = 524,288forthe
IDT72V2111 in IDT Standard mode. In FWFT mode, D = 262,145 for the
IDT72V2101 and D = 524,289 for the IDT72V2111.
If IDT Standard mode is selected, the FIFO will mark the beginning of the
RetransmitsetupbysettingEFLOW. Thechangeinlevelwillonlybenoticeable
if EF was HIGH before setup. During this period, the internal read pointer is
initializedtothefirstlocationoftheRAMarray.


Similar Part No. - 72V2111L20PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V2111L20PFG8 RENESAS-72V2111L20PFG8 Datasheet
388Kb / 28P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
More results

Similar Description - 72V2111L20PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com