Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V205L15PFGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 72V205L15PFGI
Description  3.3 VOLT CMOS SyncFIFO
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V205L15PFGI Datasheet(HTML) 3 Page - Integrated Device Technology

  72V205L15PFGI Datasheet HTML 1Page - Integrated Device Technology 72V205L15PFGI Datasheet HTML 2Page - Integrated Device Technology 72V205L15PFGI Datasheet HTML 3Page - Integrated Device Technology 72V205L15PFGI Datasheet HTML 4Page - Integrated Device Technology 72V205L15PFGI Datasheet HTML 5Page - Integrated Device Technology 72V205L15PFGI Datasheet HTML 6Page - Integrated Device Technology 72V205L15PFGI Datasheet HTML 7Page - Integrated Device Technology 72V205L15PFGI Datasheet HTML 8Page - Integrated Device Technology 72V205L15PFGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
MARCH 2013
PIN DESCRIPTION
Symbol
Name
I/O
Description
D0–D17
DataInputs
I
Data inputs for an 18-bit bus.
RS
Reset
I
WhenRS issetLOW,internalreadandwritepointersaresettothefirstlocationoftheRAMarray,FFand PAF
go HIGH, and PAE and EF go LOW. A reset is required before an initial WRITE after power-up.
WCLK
WriteClock
I
WhenWENisLOW,dataiswrittenintotheFIFOonaLOW-to-HIGHtransitionofWCLK,iftheFIFOisnotfull.
WEN
WriteEnable
I
When WEN is LOW, data is written into the FIFO on every LOW-to-HIGH transition of WCLK. When WEN is
HIGH, the FIFO holds the previous data. Data will not be written into the FIFO if the FF is LOW.
RCLK
Read Clock
I
WhenRENisLOW,dataisreadfromtheFIFOonaLOW-to-HIGHtransitionofRCLK,iftheFIFOisnotempty.
REN
Read Enable
I
WhenRENisLOW,dataisreadfromtheFIFOoneveryLOW-to-HIGHtransitionofRCLK. WhenRENisHIGH,
the output register holds the previous data. Data will not be read from the FIFO if the EF is LOW.
OE
OutputEnable
I
WhenOEisLOW,thedataoutputbusisactive.IfOE isHIGH,theoutputdatabuswillbeinahigh-impedance
state.
LD
Load
I
When LDisLOW,dataontheinputsD0–D11iswrittentotheoffsetanddepthregistersontheLOW-to-HIGH
transition of the WCLK, when WEN is LOW. When LD is LOW, data on the outputs Q0–Q11 is read from the
offset and depth registers on the LOW-to-HIGH transition of the RCLK, when REN is LOW.
FL
FirstLoad
I
In the single device or width expansion configuration, FL together with WXI and RXI determine if the mode is
IDT Standard mode or First Word Fall Through (FWFT) mode, as well as whether the PAE/PAF flags are
synchronous or asynchronous. (See Table 1.) In the Daisy Chain Depth Expansion configuration, FL is
grounded on the first device (first load device) and set to HIGH for all other devices in the Daisy Chain.
WXI
WriteExpansion
I
In the single device or width expansion configuration, WXI together with FL and RXI determine if the mode
Input
isIDTStandardmodeorFWFTmode,aswellas whetherthePAE/PAFflagsaresynchronousorasynchronous.
(SeeTable1.) IntheDaisyChainDepthExpansionconfiguration,WXIisconnectedtoWXO(WriteExpansion
Out) of the previous device.
RXI
Read Expansion
I
In the single device or width expansion configuration, RXI together with FL and WXI, determine if the mode
Input
isIDTStandardmodeorFWFTmode,aswellas whetherthePAE/PAFflagsaresynchronousorasynchronous.
(SeeTable1.) IntheDaisyChainDepthExpansionconfiguration,RXIisconnectedtoRXO(ReadExpansion
Out) of the previous device.
FF/IR
Full Flag/
O
IntheIDTStandardmode,the FFfunctionisselected. FF indicateswhetherornottheFIFOmemoryisfull.In
Input Ready
the FWFT mode, the IR function is selected. IR indicates whether or not there is space available for writing to
the FIFO memory.
EF/OR
EmptyFlag/
O
IntheIDTStandardmode,theEFfunctionisselected.EFindicateswhetherornottheFIFOmemoryisempty.
OutputReady
InFWFTmode,theORfunctionisselected.ORindicateswhetherornotthereisvaliddataavailableattheoutputs.
PAE
Programmable
O
WhenPAEisLOW,theFIFOisalmost-emptybasedontheoffsetprogrammedintotheFIFO.Thedefault
Almost-EmptyFlag
offsetatresetis31fromemptyforIDT72V205,63fromemptyforIDT72V215,and127fromemptyforIDT72V225/
72V235/72V245.
PAF
Programmable
O
WhenPAFisLOW,theFIFOisalmost-fullbasedontheoffsetprogrammedintotheFIFO.Thedefaultoffsetat
Almost-FullFlag
resetis31fromfullforIDT72V205,63fromfullforIDT72V215,and127fromfullforIDT72V225/72V235/72V245.
WXO/HF
WriteExpansion
O
In the single device or width expansion configuration, the device is more than half full when HF is LOW. In the
Out/Half-FullFlag
depthexpansionconfiguration,apulseissentfromWXOtoWXIofthenextdevicewhenthelastlocationinthe
FIFOiswritten.
RXO
Read Expansion
O
In the depth expansion configuration, a pulse is sent from RXO to RXI of the next device when the last
Out
location in the FIFO is read.
Q0–Q17
DataOutputs
O
Data outputs for an 18-bit bus.
VCC
Power
+3.3V power supply pins.
GND
Ground
Seven ground pins.


Similar Part No. - 72V205L15PFGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V205L15PFGI RENESAS-72V205L15PFGI Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
72V205L15PFGI8 RENESAS-72V205L15PFGI8 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - 72V205L15PFGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com