Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V18L15PFG8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 70V18L15PFG8
Description  HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V18L15PFG8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 70V18L15PFG8 Datasheet HTML 3Page - Integrated Device Technology 70V18L15PFG8 Datasheet HTML 4Page - Integrated Device Technology 70V18L15PFG8 Datasheet HTML 5Page - Integrated Device Technology 70V18L15PFG8 Datasheet HTML 6Page - Integrated Device Technology 70V18L15PFG8 Datasheet HTML 7Page - Integrated Device Technology 70V18L15PFG8 Datasheet HTML 8Page - Integrated Device Technology 70V18L15PFG8 Datasheet HTML 9Page - Integrated Device Technology 70V18L15PFG8 Datasheet HTML 10Page - Integrated Device Technology 70V18L15PFG8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
IDT70V18L
High-Speed 3.3V 64K x 9 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
70V18L15
Com'l Only
70V18L20
Com'l
& Ind
Unit
Symbol
Parameter
Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
15
____
20
____
ns
tAA
Address Access Time
____
15
____
20
ns
tACE
Chip Enable Access Time(3)
____
15
____
20
ns
tAOE
Output Enable Access Time
____
10
____
12
ns
tOH
Output Hold from Address Change
3
____
3
____
ns
tLZ
Output Low-Z Time(1,2)
3
____
3
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
10
ns
tPU
Chip Enable to Power Up Time(2)
0
____
0
____
ns
tPD
Chip Disable to Power Down Time(2)
____
15
____
20
ns
tSOP
Semaphore Flag Update Pulse (OE or SEM)10
____
10
____
ns
tSAA
Semaphore Address Access Time
____
15
____
20
ns
4854 tbl 12
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage Range
NOTES:
1. Transition is measured 0mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. Thisparameterisguaranteedbydevicecharacterization,butisnotproductiontested.
3. To access RAM, CE= VIL and SEM = VIH. To access semaphore, CE = VIH and SEM = VIL. Either condition must be valid for the entire tEW time.
4. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage and
temperature, the actual tDH will always be smaller than the actual tOW.
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage
Symbol
Parameter
70V18L15
Com'l Only
70V18L20
Com'l
& Ind
Unit
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
15
____
20
____
ns
tEW
Chip Enable to End-of-Write(3)
12
____
15
____
ns
tAW
Address Valid to End-of-Write
12
____
15
____
ns
tAS
Address Set-up Time(3)
0
____
0
____
ns
tWP
Write Pulse Width
12
____
15
____
ns
tWR
Write Recovery Time
0
____
0
____
ns
tDW
Data Valid to End-of-Write
10
____
15
____
ns
tHZ
Output High-Z Time(1,2)
____
10
____
10
ns
tDH
Data Hold Time(4)
0
____
0
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
10
____
10
ns
tOW
Output Active from End-of-Write(1,2,4)
0
____
0
____
ns
tSWRD
SEM
Flag Write to Read Time
5
____
5
____
ns
tSPS
SEM
Flag Contention Window
5
____
5
____
ns
4854 tbl 13


Similar Part No. - 70V18L15PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V18L RENESAS-70V18L Datasheet
342Kb / 19P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
DECEMBER 2017
More results

Similar Description - 70V18L15PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V18 RENESAS-70V18 Datasheet
342Kb / 19P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
DECEMBER 2017
logo
Integrated Device Techn...
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT7018L IDT-IDT7018L Datasheet
142Kb / 17P
   HIGH-SPEED 64K x 9 DUAL-PORT STATIC RAM
IDT70V38L IDT-IDT70V38L Datasheet
260Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_15 Datasheet
655Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V08S IDT-IDT70V08S_17 Datasheet
198Kb / 21P
   HIGH-SPEED 3.3V 64K x 8 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L Datasheet
152Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
IDT70V28L IDT-IDT70V28L_17 Datasheet
194Kb / 17P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V38 RENESAS-70V38 Datasheet
416Kb / 19P
   HIGH-SPEED 3.3V 64K x 18 DUAL-PORT STATIC RAM
JUNE 2019
70V28 RENESAS-70V28 Datasheet
461Kb / 19P
   HIGH-SPEED 3.3V 64K x 16 DUAL-PORT STATIC RAM
JUNE 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com