Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V09L Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT70V09L
Description  HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V09L Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT70V09L_13 Datasheet HTML 1Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 2Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 3Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 4Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 5Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 6Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 7Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 8Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
IDT70V09L
High-Speed 128K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(5) (VCC = 3.3V ± 0.3V)
NOTES:
1. VCC = 3.3V, TA = +25°C, and are not production tested. ICCDC = 90mA (Typ.)
2. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions" of input levels of GND
to 3V.
3. f = 0 means no address or control lines change.
4. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
5. Refer to Truth Table I - Chip Enable.
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VCC = 3.3V ± 0.3V)
NOTES:
1. At Vcc
< 2.0V, input leakages are undefined.
2. Refer to Truth Table I -
Chip Enable.
Symbol
Parameter
Test Conditions
70V09L
Unit
Min.
Max.
|ILI|
Input Leakage Current(1)
VCC = 3.6V, VIN = 0V to VCC
___
5µA
|ILO|
Output Leakage Current
CE(2)
= VIH, VOUT = 0V to VCC
___
5µA
VOL
Output Low Voltage
IOL = +4mA
___
0.4
V
VOH
Output High Voltage
IOH = -4mA
2.4
___
V
4852 tbl 09
70V09L15
Com'l Only
70V09L20
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.(1)
Max. Typ.(1)
Max.
Unit
ICC
Dynamic Operating
Current
(Both Ports Active)
CE
= VIL, Outputs Disabled
SEM
= VIH
f = fMAX(2)
COM'L
L
145
235
135
205
mA
IND
L
____
____
135
220
ISB1
Standby Current
(Both Ports - TTL Level
Inputs)
CEL
= CER = VIH
SEMR
= SEML = VIH
f = fMAX(2)
COM'L
L
40
70
35
55
mA
IND
L
____
____
35
65
ISB2
Standby Current
(One Port - TTL Level
Inputs)
CE"A"
= VIL and CE"B" = VIH(4)
Active Port Outputs Disabled,
f=fMAX(2)
, SEMR = SEML = VIH
COM'L
L
100
155
90
140
mA
IND
L
____
____
90
150
ISB3
Full Standby Current
(Both Ports - All CMOS
Level Inputs)
Both Ports CEL and CER > VCC - 0.2V,
VIN > VCC - 0.2V or VIN < 0.2V, f = 0(3)
SEMR
= SEML > VCC - 0.2V
COM'L
L
0.2
3.0
0.2
3.0
mA
IND
L
____
____
0.2
3.0
ISB4
Full Standby Current
(One Port - All CMOS
Level Inputs)
CE"A"
< 0.2V and CE"B" > VCC - 0.2V(4)
,
SEMR
= SEML > VCC - 0.2V,
VIN > VCC - 0.2V or VIN < 0.2V,
Active Port Outputs Disabled, f = fMAX(2)
COM'L
L
95
150
90
135
mA
IND
L
____
____
90
145
4852 tbl 10


Similar Part No. - IDT70V09L_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V09L IDT-IDT70V09L_17 Datasheet
171Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V09L_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT70V09L IDT-IDT70V09L_17 Datasheet
171Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V09 RENESAS-70V09 Datasheet
460Kb / 19P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7009L IDT-IDT7009L_17 Datasheet
151Kb / 18P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L Datasheet
195Kb / 17P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7009 IDT-IDT7009 Datasheet
143Kb / 17P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT70V19L IDT-IDT70V19L Datasheet
254Kb / 17P
   HIGH-SPEED 3.3V 128K x 9 DUAL-PORT STATIC RAM
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com