Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V09L Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT70V09L
Description  HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V09L Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT70V09L_13 Datasheet HTML 1Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 2Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 3Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 4Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 5Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 6Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 7Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 8Page - Integrated Device Technology IDT70V09L_13 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
IDT70V09L
High-Speed 128K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
Truth Table III – Semaphore Read/Write Control(1)
Truth Table I – Chip Enable(1,2)
NOTES:
1. Chip Enable references are shown above with the actual CE0 and CE1 levels; CE is a reference only.
2. 'H' = VIH and 'L' = VIL.
3. CMOS standby requires 'X' to be either < 0.2V or >VCC-0.2V.
Truth Table II – Non-Contention Read/Write Control
NOTES:
1. A0L — A16L
≠ A0R — A16R
2. Refer to Truth Table I - Chip Enable.
NOTES:
1. There are eight semaphore flags written to I/O0 and read from all the I/Os (I/O0-I/O7). These eight semaphore flags are addressed by A0-A2.
2. Refer toTruth Table I -
Chip Enable .
CE
CE0
CE1
Mode
L
VIL
VIH
Port Selected (TTL Active)
< 0.2V
>VCC -0.2V
Port Selected (CMOS Active)
H
VIH
X
Port Deselected (TTL Inactive)
XVIL
Port Deselected (TTL Inactive)
>VCC -0.2V
X(3)
Port Deselected (CMOS Inactive)
X(3)
<0.2V
Port Deselected (CMOS Inactive)
4852 tbl 06
Inputs(1)
Outputs
Mode
CE(2)
R/W
OE
SEM
I/O0-7
H
X
X
H
High-Z
Deselected: Power-Down
LL
X
H
DATAIN
Write to Memory
LH
LH
DATAOUT
Read Memory
X
X
H
X
High-Z
Outputs Disabled
4852 tbl 07
Inputs
Outputs
Mode
CE(2)
R/W
OE
SEM
I/O0-7
HH
L
L
DATAOUT
Read Semaphore Flag Data Out
H
XL
DATAIN
Write I/O0 into Semaphore Flag
LX
X
L
______
Not Allowed
4852 tbl 08


Similar Part No. - IDT70V09L_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V09L IDT-IDT70V09L_17 Datasheet
171Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V09L_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V09 IDT-IDT70V09 Datasheet
255Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
IDT70V09L IDT-IDT70V09L_17 Datasheet
171Kb / 17P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V09 RENESAS-70V09 Datasheet
460Kb / 19P
   HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7009L IDT-IDT7009L_17 Datasheet
151Kb / 18P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L Datasheet
195Kb / 17P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT7009 IDT-IDT7009 Datasheet
143Kb / 17P
   HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT70V19L IDT-IDT70V19L Datasheet
254Kb / 17P
   HIGH-SPEED 3.3V 128K x 9 DUAL-PORT STATIC RAM
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_15 Datasheet
705Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V639S IDT-IDT70V639S_18 Datasheet
204Kb / 24P
   HIGH-SPEED 3.3V 128K x 18 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com