Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V201L15JG8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72V201L15JG8
Description  3.3 VOLT CMOS SyncFIFO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V201L15JG8 Datasheet(HTML) 2 Page - Integrated Device Technology

  72V201L15JG8 Datasheet HTML 1Page - Integrated Device Technology 72V201L15JG8 Datasheet HTML 2Page - Integrated Device Technology 72V201L15JG8 Datasheet HTML 3Page - Integrated Device Technology 72V201L15JG8 Datasheet HTML 4Page - Integrated Device Technology 72V201L15JG8 Datasheet HTML 5Page - Integrated Device Technology 72V201L15JG8 Datasheet HTML 6Page - Integrated Device Technology 72V201L15JG8 Datasheet HTML 7Page - Integrated Device Technology 72V201L15JG8 Datasheet HTML 8Page - Integrated Device Technology 72V201L15JG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IDT72V201/72V211/72V221/72V231/72V241/72V251 3.3V CMOS SyncFIFO™
256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
2
Symbol
Name
I/O
Description
D0-D8
DataInputs
I
Data inputs for a 9-bit bus.
RS
Reset
I
When RS is set LOW, internal read and write pointers are set to the first location of the RAM array, FF
and PAF go HIGH, and PAE and EF go LOW. A Reset is required before an initial Write after power-up.
WCLK
WriteClock
I
Data is written into the FIFO on a LOW-to-HIGH transition of WCLK when the Write Enable(s) are asserted.
WEN1
WriteEnable1
I
If the FIFO is configured to have programmable flags, WEN1 is the only Write Enable pin. When WEN1 is
LOW, data is written into the FIFO on every LOW-to-HIGH transition WCLK. If the FIFO is configured to
have two write enables, WEN1 must be LOW and WEN2 must be HIGH to write data into the FIFO. Data
will not be written into the FIFO if the FF is LOW.
WEN2/LD
WriteEnable2/
I
The FIFO is configured at Reset to have either two write enables or programmable flags. If WEN2/LD
Load
is HIGH at Reset, this pin operates as a second write enable. If WEN2/LD is LOW at Reset, this pin operates
as a control to load and read the programmable flag offsets. If the FIFO is configured to have two write
enables, WEN1 must be LOW and WEN2 must be HIGH to write data into the FIFO. Data will not be written
into the FIFO if the FF is LOW. If the FIFO is configured to have programmable flags, WEN2/LD is held LOW to
writeorreadtheprogrammableflagoffsets.
Q0-Q8
DataOutputs
O
Data outputs for a 9-bit bus.
RCLK
Read Clock
I
Data is read from the FIFO on a LOW-to-HIGH transition of RCLK when REN1 and REN2 are asserted.
REN1
Read Enable 1
I
When REN1 and REN2 are LOW, data is read from the FIFO on every LOW-to-HIGH transition of RCLK. Data
will not be read from the FIFO if the EF is LOW.
REN2
Read Enable 2
I
When REN1 and REN2 are LOW, data is read from the FIFO on every LOW-to-HIGH transition of RCLK.
Data will not be read from the FIFO if the EF is LOW.
OE
OutputEnable
I
When OE is LOW, the data output bus is active. If OE is HIGH, the output data bus will be in a high-impedance
state.
EF
EmptyFlag
O
When EF is LOW, the FIFO is empty and further data reads from the output are inhibited. When EF is
HIGH, the FIFO is not empty. EF is synchronized to RCLK.
PAE
Programmable
O
When PAE is LOW, the FIFO is almost-empty based on the offset programmed into the FIFO. The default
Almost-EmptyFlag
offset at reset is Empty+7. PAE is synchronized to RCLK.
PAF
Programmable
O
When PAF is LOW, the FIFO is almost-full based on the offset programmed into the FIFO. The default
Almost-FullFlag
offset at reset is Full-7. PAF is synchronized to WCLK.
FF
Full Flag
O
When FF is LOW, the FIFO is full and further data writes into the input are inhibited. When FF is HIGH, the FIFO
is not full. FF is synchronized to WCLK.
VCC
Power
One 3.3V volt power supply pin.
GND
Ground
One 0 volt ground pin.
TQFP (PR32-1, order code: PF)
TOP VIEW
PLCC (J32-1, order code: J)
TOP VIEW
PIN CONFIGURATION
WEN1
WCLK
WEN2/
LD
V
Q8
Q7
Q6
Q5
5
6
7
8
16
CC
D1
PAF
PAE
GND
REN1
RCLK
REN2
D0
27 26 25
24
23
22
21
29 28
32 31 30
9 1011 1213 1415
4092 drw02
1
2
3
4
20
19
18
17
INDEX
RS
WEN1
WCLK
WEN2/
LD
VCC
Q8
Q7
Q6
Q5
5
6
7
8
9
10
11
12
13
D1
PAF
PAE
GND
REN1
RCLK
REN2
OE
D0
27
26
25
24
23
22
21
29
28
432
1
32 31 30
14 15 16 17 18 19 20
INDEX
4092 drw02a
PIN DESCRIPTIONS


Similar Part No. - 72V201L15JG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V201L15JG8 RENESAS-72V201L15JG8 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
More results

Similar Description - 72V201L15JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com