Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72T36135ML5BBGI Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72T36135ML5BBGI
Description  2.5V 18M-BIT HIGH-SPEED TeraSync
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72T36135ML5BBGI Datasheet(HTML) 1 Page - Integrated Device Technology

  72T36135ML5BBGI Datasheet HTML 1Page - Integrated Device Technology 72T36135ML5BBGI Datasheet HTML 2Page - Integrated Device Technology 72T36135ML5BBGI Datasheet HTML 3Page - Integrated Device Technology 72T36135ML5BBGI Datasheet HTML 4Page - Integrated Device Technology 72T36135ML5BBGI Datasheet HTML 5Page - Integrated Device Technology 72T36135ML5BBGI Datasheet HTML 6Page - Integrated Device Technology 72T36135ML5BBGI Datasheet HTML 7Page - Integrated Device Technology 72T36135ML5BBGI Datasheet HTML 8Page - Integrated Device Technology 72T36135ML5BBGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1
MAY 2016
DSC-6723/5
© 2016 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
2.5V 18M-BIT HIGH-SPEED TeraSyncTM
FIFO 36-BIT CONFIGURATIONS
524,288 x 36
IDT72T36135M
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The TeraSync FIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
FEATURES:
••••• Industry’s largest FIFO memory organization:
IDT72T36135
524,288 x 36 - 18M-bits
••••• Up to 200 MHz Operation of Clocks
••••• Functionally and pin compatible to 9Mbit IDT72T36125 TeraSync
devices
••••• User selectable HSTL/LVTTL Input and/or Output
••••• User selectable Asynchronous read and/or write port timing
••••• Mark & Retransmit, resets read pointer to user marked position
••••• Write Chip Select (WCS) input disables Write Port
••••• Read Chip Select (RCS) synchronous to RCLK
••••• Programmable Almost-Empty and Almost-Full flags, each flag can
default to one of eight preselected offsets
••••• Program programmable flags by either serial or parallel means
••••• Selectable synchronous/asynchronous timing modes for Almost-
Empty and Almost-Full flags
••••• Separate SCLK input for Serial programming of flag offsets
••••• Auto power down minimizes standby power consumption
••••• Master Reset clears entire FIFO
••••• Partial Reset clears data, but retains programmable settings
••••• Empty and Full flags signal FIFO status
••••• Select IDT Standard timing (using EF[1:2] and FF[1:2] flags) or First
Word Fall Through timing (using OR[1:2] and IR[1:2] flags)
••••• Output enable puts data outputs into high impedance state
••••• JTAG port, provided for Boundary Scan function
••••• Available in 240-pin (19mm x 19mm)Plastic Ball Grid Array (PBGA)
50% more space saving than the leading 9M-bit FIFOs
••••• Independent Read and Write Clocks (permit reading and writing
simultaneously)
••••• High-performance submicron CMOS technology
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
FUNCTIONAL BLOCK DIAGRAM
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
524,288 x 36
FLAG
LOGIC
FF/IR[1:2]
PAF[1:2]
EF/OR[1:2]
PAE[1:2]
READ POINTER
READ
CONTROL
LOGIC
WRITE CONTROL
LOGIC
WRITE POINTER
RESET
LOGIC
WEN WCLK/WR
D0 -Dn (x36)
LD
MRS
REN
RCLK/RD
OE
Q0 -Qn (x36)
OFFSET REGISTER
PRS
FWFT/SI
SEN
RT
6723 drw01
PFM
FSEL0
FSEL1
MARK
SCLK
RCS
JTAG CONTROL
(BOUNDARY
SCAN)
TCK
TMS
TDO
TDI
TRST
ASYR
WCS
HSTL I/0
CONTROL
Vref
WHSTL
RHSTL
ASYW
SHSTL


Similar Part No. - 72T36135ML5BBGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72T36135ML5BBGI RENESAS-72T36135ML5BBGI Datasheet
739Kb / 49P
   2.5V 18M-BIT HIGH-SPEED TeraSyncTM
MAY 2016
More results

Similar Description - 72T36135ML5BBGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T36135M IDT-IDT72T36135M Datasheet
479Kb / 48P
   2.5V 18M-BIT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS 524,288 x 36
logo
Renesas Technology Corp
IDT72T36135M RENESAS-IDT72T36135M Datasheet
739Kb / 49P
   2.5V 18M-BIT HIGH-SPEED TeraSyncTM
MAY 2016
logo
Integrated Device Techn...
IDT72T3645 IDT-IDT72T3645_09 Datasheet
472Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 36-BIT CONFIGURATIONS
logo
List of Unclassifed Man...
72T18125L5BBI ETC2-72T18125L5BBI Datasheet
515Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO 18-BIT/9-BIT CONFIGURATIONS
logo
Integrated Device Techn...
IDT72T18125 IDT-IDT72T18125 Datasheet
540Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T1845 IDT-IDT72T1845_09 Datasheet
510Kb / 55P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 18-BIT/9-BIT CONFIGURATIONS
IDT72T7285 IDT-IDT72T7285_09 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
IDT72T4088 IDT-IDT72T4088 Datasheet
497Kb / 52P
   2.5 VOLT HIGH-SPEED TeraSync DDR/SDR FIFO 40-BIT CONFIGURATION
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
logo
Renesas Technology Corp
IDT72T1845 RENESAS-IDT72T1845 Datasheet
492Kb / 57P
   2.5 VOLT HIGH-SPEED TeraSync™ FIFO 18-BIT/9-BIT CONFIGURATIONS
MAY 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com