Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V281L15PFG8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 72V281L15PFG8
Description  3.3 VOLT CMOS SuperSync FIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V281L15PFG8 Datasheet(HTML) 3 Page - Integrated Device Technology

  72V281L15PFG8 Datasheet HTML 1Page - Integrated Device Technology 72V281L15PFG8 Datasheet HTML 2Page - Integrated Device Technology 72V281L15PFG8 Datasheet HTML 3Page - Integrated Device Technology 72V281L15PFG8 Datasheet HTML 4Page - Integrated Device Technology 72V281L15PFG8 Datasheet HTML 5Page - Integrated Device Technology 72V281L15PFG8 Datasheet HTML 6Page - Integrated Device Technology 72V281L15PFG8 Datasheet HTML 7Page - Integrated Device Technology 72V281L15PFG8 Datasheet HTML 8Page - Integrated Device Technology 72V281L15PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V281/72V291 3.3V CMOS SUPERSYNC FIFOTM
65,536 x 9 and 131,072 x 9
DESCRIPTION (Continued)
Figure 1. Block Diagram of Single 65,536 x 9 and 131,072 x 9 Synchronous FIFO
DATA OUT (Q0 - Qn)
DATA IN (D0 - Dn)
MASTER RESET (
MRS)
READ CLOCK (RCLK)
READ ENABLE (
REN)
OUTPUT ENABLE (
OE)
EMPTY FLAG/OUTPUT READY (
EF/OR)
PROGRAMMABLE ALMOST-EMPTY (
PAE)
WRITE CLOCK (WCLK)
WRITE ENABLE (
WEN)
LOAD (
LD)
FULL FLAG/INPUT READY (
FF/IR)
PROGRAMMABLE ALMOST-FULL (
PAF)
IDT
72V281
72V291
PARTIAL RESET (
PRS)
FIRST WORD FALL THROUGH/SERIAL INPUT
(FWFT/SI)
RETRANSMIT (
RT)
4513 drw 03
HALF-FULL FLAG (
HF)
SERIAL ENABLE(
SEN)
In FWFT mode, the first word written to an empty FIFO is clocked directly
tothedataoutputlinesafter threetransitionsoftheRCLKsignal.ARENdoes
not have to be asserted for accessing the first word. However, subsequent
wordswrittentotheFIFOdorequireaLOWonRENforaccess. Thestateof
theFWFT/SIinputduringMasterResetdeterminesthetimingmodeinuse.
For applications requiring more data storage capacity than a single FIFO
can provide, the FWFT timing mode permits depth expansion by chaining
FIFOs in series (i.e. the data outputs of one FIFO are connected to the
corresponding data inputs of the next). No external logic is required.
These FIFOs have five flag pins, EF/OR (Empty Flag or Output
Ready), FF/IR (Full Flag or Input Ready), HF (Half-full Flag), PAE
(Programmable Almost-Empty flag) and PAF (Programmable Almost-Full
flag). The EF and FF functions are selected in IDT Standard mode. The
IR and OR functions are selected in FWFT mode. HF, PAE and PAF are
always available for use, irrespective of timing mode.
PAE and PAF can be programmed independently to switch at any
point in memory. (See Table 1 and Table 2.) Programmable offsets
determine the flag switching threshold and can be loaded by two methods:
parallel or serial. Two default offset settings are also provided, so that PAE
can be set to switch at 127 or 1,023 locations from the empty boundary and
the PAF threshold can be set at 127 or 1,023 locations from the full
boundary. These choices are made with the LD pin during Master Reset.
For serial programming, SEN together with LD on each rising edge
of WCLK, are used to load the offset registers via the Serial Input (SI). For
parallel programming, WEN together with LD on each rising edge of
WCLK,areusedtoloadtheoffsetregistersviaDn. RENtogetherwithLDon
each rising edge of RCLK can be used to read the offsets in parallel from Qn
regardless of whether serial or parallel offset loading has been selected.
During Master Reset (MRS) the following events occur: The read and
write pointers are set to the first location of the FIFO. The FWFT pin selects
IDT Standard mode or FWFT mode. The LD pin selects either a partial flag
default setting of 127 with parallel programming or a partial flag default
setting of 1,023 with serial programming. The flags are updated according
to the timing mode and default offsets selected.
The Partial Reset (PRS) also sets the read and write pointers to the first
location of the memory. However, the timing mode, partial flag program-
ming method, and default or programmed offset settings existing before
Partial Reset remain unchanged. The flags are updated according to the
timing mode and offsets in effect. PRS is useful for resetting a device in
mid-operation, when reprogramming partial flags would be undesirable.
The Retransmit function allows data to be reread from the FIFO more
than once. A LOW on the RT input during a rising RCLK edge initiates a
retransmit operation by setting the read pointer to the first location of the
memory array.
If, at any time, the FIFO is not actively performing an operation, the chip
will automatically power down. Once in the power down state, the standby
supply current consumption is minimized. Initiating any operation (by
activating control inputs) will immediately take the device out of the power
down state.
The IDT72V281/72V291 are fabricated using IDT’s high speed submi-
cron CMOS technology.


Similar Part No. - 72V281L15PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V281 RENESAS-72V281 Datasheet
430Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO™ 65,536 x 9 131,072 x 9
JANUARY 2018
More results

Similar Description - 72V281L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V291 IDT-IDT72V291 Datasheet
242Kb / 26P
   3.3 VOLT CMOS SuperSync FIFOTM
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
DT72281 IDT-DT72281_13 Datasheet
424Kb / 26P
   CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com