Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V805L10PFG8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 72V805L10PFG8
Description  3.3 VOLT CMOS DUAL SyncFIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V805L10PFG8 Datasheet(HTML) 3 Page - Integrated Device Technology

  72V805L10PFG8 Datasheet HTML 1Page - Integrated Device Technology 72V805L10PFG8 Datasheet HTML 2Page - Integrated Device Technology 72V805L10PFG8 Datasheet HTML 3Page - Integrated Device Technology 72V805L10PFG8 Datasheet HTML 4Page - Integrated Device Technology 72V805L10PFG8 Datasheet HTML 5Page - Integrated Device Technology 72V805L10PFG8 Datasheet HTML 6Page - Integrated Device Technology 72V805L10PFG8 Datasheet HTML 7Page - Integrated Device Technology 72V805L10PFG8 Datasheet HTML 8Page - Integrated Device Technology 72V805L10PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
IDT72V805/72V815/72V825/72V835/72V845
3.3 V CMOS DUAL SyncFIFO™ 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
3
PIN DESCRIPTION
Symbol
Name
I/O
Description
DA0–DA17
Data Inputs
I
Data inputs for an 18-bit bus.
DB0-DB17
RSA
Reset
I
When RS is set LOW, internal read and write pointers are set to the first location of the RAM array, FF and
RSB
PAF go HIGH, and PAE and EF go LOW. A reset is required before an initial WRITE after power-up.
WCLKA
Write Clock
I
When WEN is LOW, data is written into the FIFO on a LOW-to-HIGH transition of WCLK, if the FIFO is not full.
WCLKB
WENA
Write Enable
I
When WEN is LOW, data is written into the FIFO on every LOW-to-HIGH transition of WCLK.
WENB
When WEN is HIGH, the FIFO holds the previous data. Data will not be written into the FIFO if the FF is LOW.
RCLKA
Read Clock
I
When REN is LOW, data is read from the FIFO on a LOW-to-HIGH transition of RCLK, if the FIFO is not
RCLKB
empty.
RENA
Read Enable
I
When REN is LOW, data is read from the FIFO on every LOW-to-HIGH transition of RCLK. When REN
RENB
is HIGH, the output register holds the previous data. Data will not be read from the FIFO if the EF is low.
OEA
Output Enable
I
When OE is LOW, the data output bus is active. If OE is HIGH, the output data bus will be in a
OEB
high-impedance state.
LDA
Load
I
When LD is LOW, data on the inputs D0–D11 is written to the offset and depth registers on the LOW-to-HIGH
LDB
transition of the WCLK, when WEN is LOW. When LD is LOW, data on the outputs Q0–Q11 is read from the
offset and depth registers on the LOW-to-HIGH transition of the RCLK, when REN is LOW.
FLA
First Load
I
In the single device or width expansion configuration, FL together with WXI and RXI etermine if the mode is IDT
FLB
Standard mode or First Word Fall Through (FWFT) mode, as well as whether the PAE/PAF flags are synchronous
or asynchronous. (See Table I.) In the Daisy Chain Depth Expansion configuration, FL is grounded on the first
device (first load device) and set to HIGH for all other devices in the Daisy Chain.
WXIA
Write Expansion
I
In the single device or width expansion configuration, WXI together with FL and RXI Input determine if the mode
WXIB
is IDT Standard mode or FWFT mode, as well as whether the PAE/PAF flags are synchronous or asynchronous.
(See Table 1.) In the Daisy Chain Depth Expansion configuration, WXI is connected to WXO (Write Expansion
Out) of the previous device.
RXIA
Read Expansion
I
In the single device or width expansion configuration, RXI together with FL and WXI, Input determine if the mode
RXIB
is IDT Standard mode or FWFT mode, as well as whether the PAE/PAF flags are synchronous or asynchronous.
(See Table 1.) In the Daisy Chain Depth Expansion configuration, RXI is connected to RXO (Read
Expansion Out) of the previous device.
FFA/IRA
Full Flag/
O
In the IDT Standard mode, the FF function is selected. FF indicates whether or not the FIFO memory is full.
FFB/IRB
Input Ready
In the FWFT mode, the IR function is selected. IR indicates whether or not there is space available for writing to
the FIFO memory.
EFA/ORA
Empty Flag/
O
In the IDT Standard mode, the EF function is selected. EF indicates whether or not the FIFO memory is
EFB/ORB
Output Ready
empty. In FWFT mode, the OR function is selected. OR indicates whether or not there is valid data available at
the outputs.
PAEA
Programmable
O
When PAE is LOW, the FIFO is almost-empty based on the offset programmed into the FIFO. The default offset
PAEB
Almost-Empty flag
at reset is 31 from empty for IDT72V805LB, 63 from empty for IDT72V815LB, and 127 from empty for IDT7V2825LB/
72V835LB/72V845LB.
PAFA
Programmable
O
When PAF is LOW, the FIFO is almost-full based on the offset programmed into the FIFO. The default offset
PAFB
Almost-Full Flag
at reset is 31 from full for IDT72V805LB, 63 from full for IDT72V815LB, and 127 from full for IDT72V825LB/
72V835LB/72V845LB.
WXOA/HFA
Write Expansion
O
In the single device or width expansion configuration, the device is more than half full Out/Half-Full Flag
WXOB/HFB
when HF is LOW. In the depth expansion configuration, a pulse is sent from WXO to WXI of the next device
when the last location in the FIFO is written.
RXOA
Read Expansion
O
In the depth expansion configuration, a pulse is sent from RXO to RXI of the next device when the last location
RXOB
Out
in the FIFO is read.
QA0–QA17
Data Outputs
O
Data outputs for an 18-bit bus.
QB0-QB17
VCC
Power
+3.3V power supply pins.
GND
Ground
Ground pins.


Similar Part No. - 72V805L10PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V805L10PFG8 RENESAS-72V805L10PFG8 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results

Similar Description - 72V805L10PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com