Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V2101 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72V2101
Description  3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V2101 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72V2101 Datasheet HTML 1Page - Integrated Device Technology IDT72V2101 Datasheet HTML 2Page - Integrated Device Technology IDT72V2101 Datasheet HTML 3Page - Integrated Device Technology IDT72V2101 Datasheet HTML 4Page - Integrated Device Technology IDT72V2101 Datasheet HTML 5Page - Integrated Device Technology IDT72V2101 Datasheet HTML 6Page - Integrated Device Technology IDT72V2101 Datasheet HTML 7Page - Integrated Device Technology IDT72V2101 Datasheet HTML 8Page - Integrated Device Technology IDT72V2101 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2101/72V2111 3.3V HIGH DENSITY CMOS
SUPERSYNC FIFOTM 262,144 x 9, 524,288 x 9
PIN DESCRIPTION
Symbol
Name
I/O
Description
D0–D8
Data Inputs
I
Data inputs for a 9-bit bus.
MRS
Master Reset
I
MRS initializes the read and write pointers to zero and sets the output register to
all zeroes. During Master Reset, the FIFO is configured for either FWFT or IDT
Standard mode, one of two programmable flag default settings, and serial or
parallel programming of the offset settings.
PRS
Partial Reset
I
PRS initializes the read and write pointers to zero and sets the output register to
all zeroes. During Partial Reset, the existing mode (IDT or FWFT), programming
method (serial or parallel), and programmable flag settings are all retained.
RT
Retransmit
I
RT asserted on the rising edge of RCLK initializes the READ pointer to zero, sets
the EF flag to LOW (OR to HIGH in FWFT mode) temporarily and does not disturb
the write pointer, programming method, existing timing mode or programmable flag
settings. RT is useful to reread data from the first physical location of the FIFO.
FWFT/SI
First Word Fall
I
During Master Reset, selects First Word Fall Through or IDT Standard mode.
Through/Serial In
After Master Reset, this pin functions as a serial input for loading offset registers
WCLK
Write Clock
I
When enabled by WEN, the rising edge of WCLK writes data into the FIFO and
offsets into the programmable registers for parallel programming, and when
enabled by SEN, the rising edge of WCLK writes one bit of data into the
programmable register for serial programming.
WEN
Write Enable
I
WEN enables WCLK for writing data into the FIFO memory and offset registers.
RCLK
Read Clock
I
When enabled by REN, the rising edge of RCLK reads data from the FIFO
memory and offsets from the programmable registers.
REN
Read Enable
I
REN enables RCLK for reading data from the FIFO memory and offset registers.
OE
Output Enable
I
OE controls the output impedance of Qn.
SEN
Serial Enable
I
SEN enables serial loading of programmable flag offsets.
LD
Load
I
During Master Reset, LD selects one of two partial flag default offsets (127 or
1,023) and determines the flag offset programming method, serial or parallel. After
Master Reset, this pin enables writing to and reading from the offset registers.
DC
Don't Care
I
This pin must be tied to either VCC or GND and must not toggle after Master
Reset.
FF/IR
Full Flag/
O
In the IDT Standard mode, the FF function is selected. FF indicates whether or
Input Ready
not the FIFO memory is full. In the FWFT mode, the IR function is selected. IR
indicates whether or not there is space available for writing to the FIFO memory.
EF/OR
Empty Flag/
O
In the IDT Standard mode, the EF function is selected. EF indicates whether or
Output Ready
not the FIFO memory is empty. In FWFT mode, the OR function is selected.
OR indicates whether or not there is valid data available at the outputs.
PAF
Programmable
O
PAF goes LOW if the number of words in the FIFO memory is more than
Almost-Full Flag
total word capacity of the FIFO minus the full offset value m, which is stored in the
Full Offset register. There are two possible default values for m: 127 or 1,023.
PAE
Programmable
O
PAE goes LOW if the number of words in the FIFO memory is less than offset n,
Almost-Empty Flag
which is stored in the Empty Offset register. There are two possible default values
for n: 127 or 1,023. Other values for n can be programmed into the device.
HF
Half-Full Flag
O
HF indicates whether the FIFO memory is more or less than half-full.
Q0–Q8
Data Outputs
O
Data outputs for a 9-bus
VCC
Power
+3.3 Volt power supply pins.
GND
Ground
Ground pins.


Similar Part No. - IDT72V2101

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
logo
Renesas Technology Corp
IDT72V2101 RENESAS-IDT72V2101 Datasheet
388Kb / 28P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO™ 262,144 x 9 524,288 x 9
JANUARY 2018
logo
Integrated Device Techn...
IDT72V210110PF IDT-IDT72V210110PF Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V210110PFI IDT-IDT72V210110PFI Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V210115PF IDT-IDT72V210115PF Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results

Similar Description - IDT72V2101

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V255LA IDT-IDT72V255LA_14 Datasheet
366Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com