Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V3672L15PQFG Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72V3672L15PQFG
Description  3.3 VOLT CMOS SyncBiFIFO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3672L15PQFG Datasheet(HTML) 4 Page - Integrated Device Technology

  72V3672L15PQFG Datasheet HTML 1Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 2Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 3Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 4Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 5Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 6Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 7Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 8Page - Integrated Device Technology 72V3672L15PQFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
COMMERCIALTEMPERATURERANGE
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
FEBRUARY 4, 2009
Symbol
Name
I/O
Description
A0-A35
Port A Data
I/0
36-bit bidirectional data port for side A.
AEA
Port A Almost-
O
Programmable Almost-Empty flag synchronized to CLKA. It is LOW when the number of words in FIFO2 is
Empty Flag
(Port A)
less than or equal to the value in the Almost-Empty A Offset register, X2.
AEB
Port B Almost-
O
Programmable Almost-Empty flag synchronized to CLKB. It is LOW when the number of words in FIFO1 is
Empty Flag
(Port B)
less than or equal to the value in the Almost-Empty B Offset register, X1.
AFA
Port A Almost-
O
Programmable Almost-Full flag synchronized to CLKA. It is LOW when the number of empty locations in
Full Flag
(Port A)
FIFO1 is less than or equal to the value in the Almost-Full A Offset register, Y1.
AFB
Port B Almost-
O
Programmable Almost-Full flag synchronized to CLKB. It is LOW when the number of empty locations in
Full Flag
(Port B)
FIFO2 is less than or equal to the value in the Almost-Full B Offset register, Y2.
B0 - B35
Port B Data
I/O
36-bit bidirectional data port for side B.
CLKA
Port A Clock
I
CLKA is a continuous clock that synchronizes all data transfers through port A and can be asynchronous or
coincident to CLKB.
FFA/IRA, EFA/ORA, AFA, and AEA are all synchronized to the LOW-to-HIGH
transition of CLKA.
CLKB
Port B Clock
I
CLKB is a continuous clock that synchronizes all data transfers through port Band can be asynchronous or
coincident to CLKA.
FFB/IRB, EFB/ORB, AFB, and AEB are synchronized to the LOW-to-HIGH
transition of CLKB.
CSA
Port A Chip
I
CSA must be LOW to enable a LOW-to-HIGH transition of CLKA to read or write on port A. The A0-A35
Select
outputs are in the high-impedance state when
CSA is HIGH.
CSB
Port B Chip
I
CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read or write data on port B. The
Select
B0- B35 outputs are in the high-impedance state when
CSB is HIGH.
EFA/ORA
Port A Empty/
O
This is a dual function pin. In the IDT Standard mode, the
EFA function is selected. EFA indicates
Output Ready
whether or not the FIFO2 memory is empty. In the FWFT mode, the ORA function is selected. ORA
Flag
indicates the presence of valid data on A0-A35 outputs, available for reading.
EFA/ORA is synchronized
to the LOW-to-HIGH transition of CLKA.
EFB/ORB
Port B Empty/
O
This is a dual function pin. In the IDT Standard mode, the
EFB function is selected. EFB indicates
Output Ready
whether or not the FIFO1 memory is empty. In the FWFT mode, the ORB function is selected. ORB
Flag
indicates the presence of valid data on B0-B35 outputs, available for reading.
EFB/ORB is synchronized to
the LOW-to-HIGH transition of CLKB.
ENA
Port A Enable
I
ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on port A.
ENB
Port B Enable
I
ENB must be HIGH to enable a LOW-to-HIGH transition of CLKB to read or write data on port B.
FFA/IRA
Port A Full/
O
This is a dual function pin. In the IDT Standard mode, the
FFA function is selected. FFA indicates
Input Ready
whether or not the FIFO1 memory is full. In the FWFT mode, the IRA function is selected. IRA
Flag
indicates whether or not there is space available for writing to the FIFO1 memory.
FFA/IRA is
synchronized to the LOW-to-HIGH transition of CLKA.
FFB/IRB
Port B Full/
O
This is a dual function pin. In the IDT Standard mode, the
FFB function is selected. FFB indicates
Input Ready
whether or not the FIFO2 memory is full. In the FWFT mode, the IRB function is selected. IRB
Flag
indicates whether or not there is space available for writing to the FIFO2 memory.
FFB/IRB is
synchronized to the LOW-to-HIGH transition of CLKB.
FWFT
First Word Fall
I
This pin selects the timing mode. A HIGH on
FWFT selects IDT Standard mode, a LOW selects First
Through Mode
Word Fall Through mode. Once the timing mode has been selected, the level on
FWFT must be static
throughout device operation.
FS1, FS0
FlagOffset
I
A LOW-to-HIGH transition of the FIFO Reset input latches the values of FS0 and FS1. If either FS0 or
Selects
FS1 is HIGH when the FIFO Reset input goes HIGH, one of three preset values is selected as the
offset for FIFOs Almost-Full and Almost-Empty flags. If both FIFOs are reset simultaneously and both
FS0 and FS1 are LOW when
RST1 and RST2 go HIGH, the first four writes to FIFO1 load the Almost-
Empty and Almost-Full offsets for both FIFOs.
PIN DESCRIPTIONS


Similar Part No. - 72V3672L15PQFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V3672L10PFG IDT-72V3672L10PFG Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
72V3672L10PFG RENESAS-72V3672L10PFG Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
72V3672L10PFG8 IDT-72V3672L10PFG8 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
72V3672L10PFG8 RENESAS-72V3672L10PFG8 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
More results

Similar Description - 72V3672L15PQFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
   3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com