Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V36100L10PFGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72V36100L10PFGI8
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V36100L10PFGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72V36100L10PFGI8 Datasheet HTML 3Page - Integrated Device Technology 72V36100L10PFGI8 Datasheet HTML 4Page - Integrated Device Technology 72V36100L10PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V36100L10PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V36100L10PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V36100L10PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V36100L10PFGI8 Datasheet HTML 9Page - Integrated Device Technology 72V36100L10PFGI8 Datasheet HTML 10Page - Integrated Device Technology 72V36100L10PFGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
7
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V36100/72V36110 3.3V HIGH DENSITY SUPERSYNC IITM 36-BIT FIFO
65,536 x 36 and 131,072 x 36
NOTES:
1. Inputs should not change state after Master Reset.
2. These pins are for the JTAG port. Please refer to pages 43-47 and Figures 31-33.
PIN DESCRIPTION (PBGA PACKAGE ONLY)
Symbol
Name
I/O
Description
ASYR(1)
Asynchronous
I
A HIGH on this input during Master Reset will select Synchronous read operation for the output port. A LOW
Read Port
will select Asynchronous operation. If Asynchronous is selected the FIFO must operate in IDT Standard mode.
ASYW(1)
Asynchronous
I
A HIGH on this input during Master Reset will select Synchronous write operation for the input port. A LOW
WritePort
willselectAsynchronousoperation.
TCK(2)
JTAGClock
I
ClockinputforJTAGfunction.OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.Testoperationsofthe
devicearesynchronoustoTCK.DatafromTMSandTDIaresampledontherisingedgeofTCKandoutputschange
on the falling edge of TCK. If the JTAG function is not used this signal needs to be tied to GND.
TDI(2)
JTAGTestData
I
OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.DuringtheJTAGboundaryscanoperation,testdata
Input
seriallyloadedviatheTDIontherisingedgeofTCKtoeithertheInstructionRegister,IDRegisterandBypassRegister.
Aninternalpull-upresistorforcesTDIHIGHifleftunconnected.
TDO(2)
JTAGTestData
O
OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.DuringtheJTAGboundaryscanoperation,testdata
Output
seriallyloadedoutputviatheTDOonthefallingedgeofTCKfromeithertheInstructionRegister,IDRegisterandBypass
Register. This output is high impedance except when shifting, while in SHIFT-DR and SHIFT-IR controller states.
TMS(2)
JTAG Mode
I
TMSisaserialinputpin.OneoffourterminalsrequiredbyIEEEStandard1149.1-1990.TMSdirectsthedevicethrough
itsTAPcontrollerstates.Aninternalpull-upresistorforcesTMSHIGHifleftunconnected.
TRST(2)
JTAGReset
I
TRST is an asynchronous reset pin for the JTAG controller. The JTAG TAP controller will automatically reset upon
power-up. If the JTAG function is not used then this signal should to be tied to GND.
PIN DESCRIPTION-CONTINUED (TQFP & PBGA PACKAGES)
SEN
SerialEnable
I
SENenablesserialloadingofprogrammableflagoffsets.
WCLK/
WriteClock/
I
If Synchronous operation of the write port has been selected, when enabled by WEN, the rising edge of WCLK
WR
WriteStrobe
writesdataintotheFIFO.IfAsynchronousoperationofthewriteporthasbeenselected,WRwritesdataintotheFIFO
on a rising edge in an Asynchronous manner, (WEN should be tied to its active state). Asynchronous operation of
the WCLK/WR input is only available in the PBGA package.
WEN
WriteEnable
I
WEN enables WCLK for writing data into the FIFO memory and offset registers.
VCC
+3.3V Supply
I
These are VCC supply inputs and must be connected to the 3.3V supply rail.
Symbol
Name
I/O
Description
NOTE:
1. Inputs should not change state after Master Reset.


Similar Part No. - 72V36100L10PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V36100L6BCY RENESAS-72V36100L6BCY Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36100L6BCY8 RENESAS-72V36100L6BCY8 Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36100L6PFG RENESAS-72V36100L6PFG Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36100L6PFG8 RENESAS-72V36100L6PFG8 Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36100L7-5PFGI RENESAS-72V36100L7-5PFGI Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
More results

Similar Description - 72V36100L10PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com