Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V2103 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V2103
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V2103 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V2103 Datasheet HTML 6Page - Integrated Device Technology IDT72V2103 Datasheet HTML 7Page - Integrated Device Technology IDT72V2103 Datasheet HTML 8Page - Integrated Device Technology IDT72V2103 Datasheet HTML 9Page - Integrated Device Technology IDT72V2103 Datasheet HTML 10Page - Integrated Device Technology IDT72V2103 Datasheet HTML 11Page - Integrated Device Technology IDT72V2103 Datasheet HTML 12Page - Integrated Device Technology IDT72V2103 Datasheet HTML 13Page - Integrated Device Technology IDT72V2103 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
10
IDT72V263/273/283/293/103/113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
8K x 18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9/18, 256K x 9/18, 512K x9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2103/72V2113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
131,072 x 18/262,144 x 9, 262,144 x 18/524,288 x 9
AC ELECTRICAL CHARACTERISTICS(1)— ASYNCHRONOUS TIMING
(Commercial: VCC = 3.3V ± 0.15V, TA = 0
°C to +70°C;Industrial: VCC = 3.3V ± 0.15V, TA = -40°C to +85°C; JEDEC JESD8-A compliant)
Commercial
Com’l & Ind’l
IDT72V2103L6
IDT72V2103L7-5
IDT72V2113L6
IDT72V2113L7-5
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fA(4)
Cycle Frequency (Asynchronous mode)
100
83
MHz
tAA(4)
DataAccessTime
0.6
8
0.6
10
ns
tCYC(4)
Cycle Time
10
12
ns
tCYH(4)
Cycle HIGH Time
4.5
5
ns
tCYL(4)
Cycle LOW Time
4.5
5
ns
tRPE(4)
Read Pulse after EF HIGH
8
10
ns
tFFA(4)
Clock to Asynchronous FF
—8
10
ns
tEFA(4)
Clock to Asynchronous EF
—8
10
ns
tPAFA(4)
ClocktoAsynchronousProgrammableAlmost-FullFlag
8
10
ns
tPAEA(4)
Clock to Asynchronous Programmable Almost-Empty Flag
8
10
ns
NOTES:
1. All AC timings apply to both Standard IDT mode and First Word Fall Through mode.
2. Pulse widths less than minimum values are not allowed.
3. Values guaranteed by design, not currently tested.
4. Parameters apply to the BGA package only.


Similar Part No. - IDT72V2103

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V2103 RENESAS-IDT72V2103 Datasheet
496Kb / 47P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO 131,072 x 18/262,144 x 9 262,144 x 18/524,288 x 9
MARCH 2018
logo
Integrated Device Techn...
IDT72V2103L10BC IDT-IDT72V2103L10BC Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103L10BCI IDT-IDT72V2103L10BCI Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
More results

Similar Description - IDT72V2103

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com