Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V36100L6PFGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 72V36100L6PFGI8
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V36100L6PFGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 72V36100L6PFGI8 Datasheet HTML 4Page - Integrated Device Technology 72V36100L6PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V36100L6PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V36100L6PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V36100L6PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V36100L6PFGI8 Datasheet HTML 9Page - Integrated Device Technology 72V36100L6PFGI8 Datasheet HTML 10Page - Integrated Device Technology 72V36100L6PFGI8 Datasheet HTML 11Page - Integrated Device Technology 72V36100L6PFGI8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
8
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
IDT72V36100/72V36110 3.3V HIGH DENSITY SUPERSYNC IITM 36-BIT FIFO
65,536 x 36 and 131,072 x 36
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Com’l & Ind’l
Unit
VTERM(2)
TerminalVoltage
–0.5 to +4.5
V
with respect to GND
TSTG
Storage
–55to+125
°C
Temperature
IOUT
DCOutputCurrent
–50to+50
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminal only.
NOTES:
1. With output deselected, (OE
≥ VIH).
2. Characterized values, not currently tested.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.15V, TA = 0
°C to +70°C;Industrial: VCC = 3.3V ± 0.15V, TA = -40°C to +85°C; JEDEC JESD8-A compliant)
CAPACITANCE(TA=+25°C,f=1.0MHz)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN(2)
Input
VIN = 0V
10
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC(1)
SupplyVoltageCom’l/Ind’l
3.15
3.3
3.45
V
GND
SupplyVoltageCom’l/Ind’l
0
0
0
V
VIH(2)
InputHighVoltageCom’l/Ind’l
2.0
5.5
V
VIL(3)
InputLowVoltageCom’l/Ind’l
0.8
V
TA
OperatingTemperature
0
70
°C
Commercial
TA
OperatingTemperature
-40
85
°C
Industrial
NOTES:
1. VCC = 3.3V ± 0.15V, JEDEC JESD8-A compliant.
2. Outputs are not 5V tolerant.
3. 1.5V undershoots are allowed for 10ns once per cycle.
IDT72V36100L
IDT72V36110L
Commercial and Industrial(1)
tCLK = 6, 7-5, 10, 15 ns
Symbol
Parameter
Min.
Max.
Unit
ILI(2)
InputLeakageCurrent
–1
1
µA
ILO(3)
OutputLeakageCurrent
–10
10
µA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current
40
mA
ICC2(4,7)
StandbyCurrent
15
mA
NOTES
:
1. Industrial temperature range product for the 7-5ns and 15ns speed grade are available as a standard device. All other speed grades are available by special order.
2. Measurements with 0.4
≤ VIN ≤ VCC.
3. OE
VIH, 0.4 ≤ VOUT ≤ VCC.
4. Tested with outputs open (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. Typical ICC1 = 4.2 + 1.4*fS + 0.002*CL*fS (in mA) with VCC = 3.3V, tA = 25
°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2,
CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
RECOMMENDED DC OPERATING
CONDITIONS


Similar Part No. - 72V36100L6PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V36100L6PFG RENESAS-72V36100L6PFG Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
72V36100L6PFG8 RENESAS-72V36100L6PFG8 Datasheet
715Kb / 49P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ 36-BIT FIFO 65,536 x 36 131,072 x 36
Mar.24.22
More results

Similar Description - 72V36100L6PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V295 IDT-IDT72V295_16 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com