Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V295 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V295
Description  3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V295 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V295 Datasheet HTML 4Page - Integrated Device Technology IDT72V295 Datasheet HTML 5Page - Integrated Device Technology IDT72V295 Datasheet HTML 6Page - Integrated Device Technology IDT72V295 Datasheet HTML 7Page - Integrated Device Technology IDT72V295 Datasheet HTML 8Page - Integrated Device Technology IDT72V295 Datasheet HTML 9Page - Integrated Device Technology IDT72V295 Datasheet HTML 10Page - Integrated Device Technology IDT72V295 Datasheet HTML 11Page - Integrated Device Technology IDT72V295 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
8
IDT72V263/273/283/293/103/113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
8K x 18, 16K x 9/18, 32K x 9/18, 64K x 9/18, 128K x 9/18, 256K x 9/18, 512K x9
COMMERCIAL AND INDUSTRIAL
TEMPERATURERANGES
IDT72V2103/72V2113 3.3V HIGH DENSITY SUPERSYNC IITM NARROW BUS FIFO
131,072 x 18/262,144 x 9, 262,144 x 18/524,288 x 9
Symbol
Rating
Com'l & Ind'l
Unit
VTERM(2)
TerminalVoltage
–0.5 to +4.5
V
with respect to GND
TSTG
StorageTemperature
–55to+125
°C
IOUT
DC Output Current
–50 to +50
mA
NOTES:
1. With output deselected, (OE
VIH).
2. Characterized values, not currently tested.
DC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 3.3V ± 0.15V, TA = 0
°C to +70°C; Industrial: VCC = 3.3V ± 0.15V, TA = -40°C to +85°C; JEDEC JESD8-A compliant)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN(2)
Input
VIN = 0V
10
pF
Capacitance
COUT(1,2)
Output
VOUT = 0V
10
pF
Capacitance
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC(1)
Supply Voltage (Com'l & Ind'l)
3.15
3.3
3.45
V
GND
Supply Voltage (Com'l & Ind'l)
0
0
0
V
VIH(2)
Input High Voltage (Com'l & Ind'l)
2.0
5.5
V
VIL(3)
Input Low Voltage (Com'l & Ind'l)
0.8
V
TA
OperatingTemperatureCommercial
0
+70
°C
TA
OperatingTemperatureIndustrial
-40
+85
°C
NOTES:
1. VCC=3.3V ± 0.15V, JEDEC JESD8-A compliant.
2. Outputs are not 5V tolerant.
3. 1.5V undershoots are allowed for 10ns once per cycle.
IDT72V2103L
IDT72V2113L
Commercial and Industrial(1)
tCLK = 6, 7-5, 10, 15 ns
Symbol
Parameter
Min.
Max.
Unit
ILI(2)
InputLeakageCurrent
–1
1
μA
ILO(3)
OutputLeakageCurrent
–10
10
μA
VOH
Output Logic “1” Voltage, IOH = –2 mA
2.4
V
VOL
Output Logic “0” Voltage, IOL = 8 mA
0.4
V
ICC1(4,5,6)
Active Power Supply Current (x9 Input to x9 Output)
30
mA
ICC1(4,5,6)
Active Power Supply Current (x18 Input to x18 Output)
35
mA
ICC2(4,7)
StandbyCurrent
15
mA
NOTES
:
1. Industrial temperature range product for the 7-5ns and 10ns speed grades are available as a standard device. All other speed grades are available by special order.
2. Measurements with 0.4
VIN VCC.
3. OE
VIH, 0.4 VOUT VCC.
4. Tested with outputs open (IOUT = 0).
5. RCLK and WCLK toggle at 20 MHz and data inputs switch at 10 MHz.
6. For x 18 bus widths, typical ICC1 = 5 + fS + 0.002*CL*fS (in mA);
for x 9 bus widths, typical ICC1 = 5 + 0.775*fS + 0.002*CL*fS (in mA).
These equations are valid under the following conditions:
VCC = 3.3V, tA = 25°C, fS = WCLK frequency = RCLK frequency (in MHz, using TTL levels), data switching at fS/2, CL = capacitive load (in pF).
7. All Inputs = VCC - 0.2V or GND + 0.2V, except RCLK and WCLK, which toggle at 20 MHz.
CAPACITANCE(TA=+25°C,f=1.0MHz)
RECOMMENDED DC OPERATING
CONDITIONS
ABSOLUTE MAXIMUM RATINGS
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminal only.


Similar Part No. - IDT72V295

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V295 IDT-IDT72V295 Datasheet
237Kb / 26P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
IDT72V295L10PF IDT-IDT72V295L10PF Datasheet
237Kb / 26P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
IDT72V295L10PFI IDT-IDT72V295L10PFI Datasheet
237Kb / 26P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
IDT72V295L15PF IDT-IDT72V295L15PF Datasheet
237Kb / 26P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
IDT72V295L15PFI IDT-IDT72V295L15PFI Datasheet
237Kb / 26P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18
More results

Similar Description - IDT72V295

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V2103 IDT-IDT72V2103_14 Datasheet
541Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
IDT72V2103 IDT-IDT72V2103 Datasheet
451Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO
logo
Renesas Technology Corp
IDT72V223 RENESAS-IDT72V223 Datasheet
480Kb / 46P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II™ NARROW BUS FIFO
MARCH 2018
logo
Integrated Device Techn...
IDT72V223 IDT-IDT72V223 Datasheet
434Kb / 45P
   3.3 VOLT HIGH-DENSITY SUPERSYNC NARROW BUS FIFO
IDT72V3640 IDT-IDT72V3640 Datasheet
567Kb / 36P
   3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
IDT72V7230 IDT-IDT72V7230 Datasheet
442Kb / 42P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II 72-BIT FIFO
IDT72V36100 IDT-IDT72V36100 Datasheet
470Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II??36-BIT FIFO
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V36100 IDT-IDT72V36100_16 Datasheet
310Kb / 48P
   3.3 VOLT HIGH-DENSITY SUPERSYNC II
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com