Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V835L15PFGI8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72V835L15PFGI8
Description  3.3 VOLT CMOS DUAL SyncFIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V835L15PFGI8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72V835L15PFGI8 Datasheet HTML 3Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 4Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 9Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 10Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
IDT72V805/72V815/72V825/72V835/72V845
3.3 V CMOS DUAL SyncFIFO™ 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
7
Number of Words in FIFO
IDT72V805
IDT72V815
IDT72V825
IDT72V835
IDT72V845
IR PAF HF PAE OR
00
0
0
0
L
H
H
L
H
1 to (n + 1)(1)
1 to (n + 1)(1)
1 to (n + 1)(1)
1 to (n + 1)(1)
1 to (n + 1)(1)
LH
HL
L
(n + 2) to 129
(n + 2) to 257
(n + 2) to 513
(n + 2) to 1,025
(n + 2) to 2,049
L
H
H
H
L
130 to (257-(m+1))(2)
258 to (513-(m+1))(2)
514 to (1,025-(m+1))(2)
1,026 to (2,049-(m+1))(2)
2,050 to (4,097-(m+1))(2)
LHLHL
(257-m) to 256
(513-m) to 512
(1,025-m) to 1,024
(2,049-m) to 2,048
(4,097-m) to 4,096
LL
L
H
L
257
513
1,025
2,049
4,097
H
L
L
H
L
normal read/write operation. When the LD pin and WEN are again set LOW,
the next offset register in sequence is written.
The contents of the offset registers can be read on the data output lines
Q0-Q11 when the LD pin is set LOW and REN is set LOW. Data can then
be read on the next LOW-to-HIGH transition of RCLK. The first transition
of RCLK will present the Empty Offset value to the data output lines. The
next transition of RCLK will present the Full Offset value. Offset register
content can be read out in the IDT Standard mode only. It cannot be read
in the FWFT mode.
SYNCHRONOUS VS ASYNCHRONOUS PROGRAMMABLE FLAG
TIMING SELECTION
The IDT72V805/72V815/72V825/72V835/72V845 can be configured
during the "Configuration at Reset" cycle described in Table 3 with either
asynchronous or synchronous timing for PAE and PAF flags.
If asynchronous PAE/PAF configuration is selected (as per Table 3), the
PAE is asserted LOW on the LOW-to-HIGH transition of RCLK. PAE is reset
to HIGH on the LOW-to-HIGH transition of WCLK. Similarly, the PAF is
asserted LOW on the LOW-to-HIGH transition of WCLK and PAF is reset
to HIGH on the LOW-to-HIGH transition of RCLK. For detail timing dia-
grams, see Figure 13 for asynchronous PAE timing and Figure 14 for
asynchronous PAF timing.
If synchronous PAE/PAF configuration is selected , the PAE is asserted
and updated on the rising edge of RCLK only and not WCLK. Similarly, PAF
is asserted and updated on the rising edge of WCLK only and not RCLK. For
detail timing diagrams, see Figure 22 for synchronous PAE timing and
Figure 23 for synchronous PAF timing.
REGISTER-BUFFERED FLAG OUTPUT SELECTION
The IDT72V805/72V815/72V825/72V835/72V845 can be configured
during the "Configuration at Reset" cycle described in Table 4 with single,
double or triple register-buffered flag output signals. The various combina-
tions available are described in Table 4 and Table 5. In general, going from
single to double or triple buffered flag outputs removes the possibility of
metastable flag indications on boundary states (i.e, empty or full condi-
tions). The trade-off is the addition of clock cycle delays for the respective
flag to be asserted. Not all combinations of register-buffered flag outputs
are supported. Register-buffered outputs apply to the Empty Flag and Full
Flag only. Partial flags are not effected. Table 4 and Table 5 summarize
the options available.
TABLE 1 — STATUS FLAGS FOR IDT STANDARD MODE
Number of Words in FIFO
IDT72V805
IDT72V815
IDT72V825
IDT72V835
IDT72V845
FF PAF HF PAE EF
00
0
0
0
H
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
1 to n(1)
1 to n(1)
HH
H
L
H
(n + 1) to 128
(n + 1) to 256
(n + 1) to 512
(n + 1) to 1,024
(n + 1) to 2,048
H
H
H
H
H
129 to (256-(m+1))(2)
257 to (512-(m+1))(2)
513 to (1,024-(m+1))(2)
1,025 to (2,048-(m+1))(2)
2,049 to (4,096-(m+1))(2)
HH
L
H
H
(256-m) to 255
(512-m) to 511
(1,024-m) to 1,023
(2,048-m) to 2,047
(4,096-m) to 4,095
H
L
L
H
H
256
512
1,024
2,048
4,096
L
L
L
H
H
TABLE 2 — STATUS FLAGS FOR FWFT MODE
NOTES:
1. n = Empty Offset (Default Values : IDT72V805 n=31, IDT72V815 n = 63, IDT72V825/72V835/72V845 n = 127)
2. m = Full Offset (Default Values : IDT72V805 m=31, IDT72V815 m = 63, IDT72V825/72V835/72V845 m = 127)
NOTES:
1. n = Empty Offset (Default Values : IDT72V805 n = 31, IDT72V815 n = 63, IDT72V825/72V835/72V845 n = 127)
2. m = Full Offset (Default Values : IDT72V805 m = 31, IDT72V815 m = 63, IDT72V825/72V835/72V845 m = 127)


Similar Part No. - 72V835L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V835L15PFGI8 RENESAS-72V835L15PFGI8 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results

Similar Description - 72V835L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com