Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V835L15PFGI8 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 72V835L15PFGI8
Description  3.3 VOLT CMOS DUAL SyncFIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V835L15PFGI8 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 72V835L15PFGI8 Datasheet HTML 2Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 3Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 4Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 9Page - Integrated Device Technology 72V835L15PFGI8 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
IDT72V805/72V815/72V825/72V835/72V845
3.3 V CMOS DUAL SyncFIFO™ 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
FUNCTIONAL DESCRIPTION
TIMING MODES:
IDT STANDARD VS FIRST WORD FALL THROUGH (FWFT) MODE
The IDT72V805/72V815/72V825/72V835/72V845 support two different
timing modes of operation. The selection of which mode will operate is
determined during configuration at Reset (RS). During a RS operation, the
First Load (FL), Read Expansion Input ( RXI), and Write Expansion Input
(WXI) pins are used to select the timing mode per the truth table shown in
Table 3. In IDT Standard Mode, the first word written to an empty FIFO will
not appear on the data output lines unless a specific read operation is
performed. A read operation, which consists of activating Read Enable
(REN) and enabling a rising Read Clock (RCLK) edge, will shift the word
from internal memory to the data output lines. In FWFT mode, the first word
written to an empty FIFO is clocked directly to the data output lines after
three transitions of the RCLK signal. A REN does not have to be asserted
for accessing the first word.
Varioussignals,bothinputandoutputsignalsoperatedifferentlydepend-
ing on which timing mode is in effect.
IDT STANDARD MODE
In this mode, the status flags, FF, PAF, HF, PAE, and EF operate in the
manner outlined in Table 1. To write data into to the FIFO, Write Enable
(WEN) must be LOW. Data presented to the DATA IN lines will be clocked
intotheFIFOonsubsequenttransitionsoftheWriteClock(WCLK).Afterthe
first write is performed, the Empty Flag (EF) will go HIGH. Subsequent
writes will continue to fill up the FIFO. The Programmable Almost-Empty
flag (PAE) will go HIGH after n + 1 words have been loaded into the FIFO,
where n is the Empty Offset value. The default setting for this value is stated
in the footnote of Table 1. This parameter is also user programmable. See
section on Programmable Flag Offset Loading.
If one continued to write data into the FIFO, and we assumed no read
operations were taking place, the Half-Full flag (HF) would toggle to LOW
once the 129th (72V805), 257th (72V815), 513th (72V825), 1,025th
(72V835), and 2,049th (72V845) word respectively was written into the
FIFO. Continuing to write data into the FIFO will cause the Programmable
Almost-Full flag (PAF) to go LOW. Again, if no reads are performed, the
PAF will go LOW after (256-m) writes for the IDT72V805, (512-m) writes for
the IDT72V815, (1,024-m) writes for the IDT72V825, (2,048–m) writes for
the IDT72V835 and (4,096–m) writes for the IDT72V845. The offset “m” is
the Full Offset value. This parameter is also user programmable. See
section on Programmable Flag Offset Loading. If there is no Full Offset
specified, the PAF will be LOW when the device is 31 away from completely
full for IDT72V805, 63 away from completely full for IDT72V815, and 127
away from completely full for the IDT72V825/72V835/72V845.
When the FIFO is full, the Full Flag (FF) will go LOW, inhibiting further
write operations. If no reads are performed after a reset, FF will go LOW
after D writes to the FIFO. D = 256 writes for the IDT72V805, 512 for the
IDT72V815, 1,024 for the IDT72V825, 2,048 for the IDT72V835 and 4,096
for the IDT72V845, respectively.
If the FIFO is full, the first read operation will cause FF to go HIGH.
Subsequent read operations will cause PAF and the Half-Full flag (HF) to
go HIGH at the conditions described in Table 1. If further read operations
occur, without write operations, the Programmable Almost-Empty flag
(PAE) will go LOW when there are n words in the FIFO, where n is the Empty
Offsetvalue.IfthereisnoEmptyOffsetspecified,the PAEwillbeLOWwhen
the device is 31 away from completely empty for IDT72V805, 63 away from
completely empty for IDT72V815, and 127 away from completely empty for
IDT72V825/72V835/72V845. Continuing read operations will cause the
FIFO to be empty. When the last word has been read from the FIFO, the EF
will go LOW inhibiting further read operations. REN is ignored when the
FIFO is empty.
FIRST WORD FALL THROUGH MODE (FWFT)
In this mode, the status flags, IR, PAF, HF, PAE, and OR operate in the
manner outlined in Table 2. To write data into to the FIFO, WEN must be
LOW. Data presented to the DATA IN lines will be clocked into the FIFO on
subsequent transitions of WCLK. After the first write is performed, the
Output Ready (OR) flag will go LOW. Subsequent writes will continue to fill
up the FIFO. PAE will go HIGH after n + 2 words have been loaded into the
FIFO, where n is the Empty Offset value. The default setting for this value
is stated in the footnote of Table 2. This parameter is also user program-
mable. See section on Programmable Flag Offset Loading.
If one continued to write data into the FIFO, and we assumed no read
operations were taking place, the HF would toggle to LOW once the 130th
(72V805), 258th (72V815), 514th (72V825), 1,026th (72V835), and 2,050th
(72V845) word respectively was written into the FIFO. Continuing to write
data into the FIFO will cause the PAF to go LOW. Again, if no reads are
performed, the PAF will go LOW after (257-m) writes for the IDT72V805,
(513-m) writes for the IDT72V815, (1,025-m) writes for the IDT72V825,
(2,049–m)writesfortheIDT72V835and(4,097–m)writesfortheIDT72V845,
where m is the Full Offset value. The default setting for this value is stated
in the footnote of Table 2.
When the FIFO is full, the Input Ready (IR) flag will go HIGH, inhibiting
further write operations. If no reads are performed after a reset, IR will go
HIGH after D writes to the FIFO. D = 257 writes for the IDT72V805, 513 for
the IDT72V815, 1,025 for the IDT72V825, 2,049 for the IDT72V835 and
4,097 for the IDT72V845. Note that the additional word in FWFT mode is
due to the capacity of the memory plus output register.
If the FIFO is full, the first read operation will cause the IR flag to go LOW.
Subsequent read operations will cause the PAF and HF to go HIGH at the
conditions described in Table 2. If further read operations occur, without
write operations, the PAE will go LOW when there are n + 1 words in the
FIFO, where n is the Empty Offset value. If there is no Empty Offset
specified, the PAE will be LOW when the device is 32 away from completely
empty for IDT72V805, 64 away from completely empty for IDT72V815, and
128awayfromcompletelyemptyforIDT72V825/72V835/72V845.Continu-
ing read operations will cause the FIFO to be empty. When the last word has
been read from the FIFO, OR will go HIGH inhibiting further read operations.
REN is ignored when the FIFO is empty.
PROGRAMMABLE FLAG LOADING
Full and Empty flag Offset values can be user programmable. The
IDT72V805/72V815/72V825/72V835/72V845hasinternalregistersforthese
offsets. Default settings are stated in the footnotes of Table 1 and Table 2.
Offset values are loaded into the FIFO using the data input lines D0-D11.
To load the offset registers, the Load (LD) pin and WEN pin must be held
LOW. Data present on D0-D11 will be transferred in to the Empty Offset
register on the first LOW-to-HIGH transition of WCLK. By continuing to hold
the LD and WEN pin low, data present on D0-D11 will be transferred into
the Full Offset register on the next transition of the WCLK. The third
transition again writes to the Empty Offset register. Writing all offset
registers does not have to occur at one time. One or two offset registers can
be written and then by bringing the LD pin HIGH, the FIFO is returned to


Similar Part No. - 72V835L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V835L15PFGI8 RENESAS-72V835L15PFGI8 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results

Similar Description - 72V835L15PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com