Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V3623L10PFG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 72V3623L10PFG
Description  3.3 VOLT CMOS SyncFIFO WITH
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3623L10PFG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 72V3623L10PFG Datasheet HTML 6Page - Integrated Device Technology 72V3623L10PFG Datasheet HTML 7Page - Integrated Device Technology 72V3623L10PFG Datasheet HTML 8Page - Integrated Device Technology 72V3623L10PFG Datasheet HTML 9Page - Integrated Device Technology 72V3623L10PFG Datasheet HTML 10Page - Integrated Device Technology 72V3623L10PFG Datasheet HTML 11Page - Integrated Device Technology 72V3623L10PFG Datasheet HTML 12Page - Integrated Device Technology 72V3623L10PFG Datasheet HTML 13Page - Integrated Device Technology 72V3623L10PFG Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
IDT72V3623/72V3643 CMOS 3.3V SyncBiFIFOTM WITH BUS-MATCHING
256 x 36, 1,024 x 36
COMMERCIAL TEMPERATURERANGE
A HIGH on the BE/FWFT input when the Reset (RS1) input goes
from LOW to HIGH will select a Big-Endian arrangement. In this case, the
most significant byte (word) of the long word written to Port A will be read
from Port B first; the least significant byte (word) of the long word written
to Port A will be read from Port B last.
ALOWontheBE/FWFTinputwhentheReset(RS1)inputgoesfromLOW
to HIGH will select a Little-Endian arrangement. In this case, the least
significant byte (word) of the long word written to Port A will be read from
Port B first; the most significant byte (word) of the long word written to Port
A will be read from Port B last. Refer to Figure 2 for an illustration of the
BE function. See Figure 3 (Reset) for an Endian select timing diagram.
— TIMING MODE SELECTION
AfterReset,theFWFTselectfunctionisactive,permittingachoicebetween
two possible timing modes: IDT Standard mode or First Word Fall Through
(FWFT) mode. Once the Reset (RS1) input is HIGH, a HIGH on the BE/
FWFT
input during the next LOW-to-HIGH transition of CLKA and CLKB
will select IDT Standard mode. This mode uses the Empty Flag function
(EF) to indicate whether or not there are any words present in the FIFO
memory. It uses the Full Flag function (FF) to indicate whether or not the
FIFO memory has any free space for writing. In IDT Standard mode,
every word read from the FIFO, including the first, must be requested
using a formal read operation.
OncetheReset(RS1)inputisHIGH,aLOWontheBE/FWFTinputduring
the next LOW-to-HIGH transition of CLKA and CLKB will select FWFT
mode. This mode uses the Output Ready function (OR) to indicate
whether or not there is valid data at the data outputs (B0-B35). It also uses
the Input Ready function (IR) to indicate whether or not the FIFO memory
has any free space for writing. In the FWFT mode, the first word written
to an empty FIFO goes directly to data outputs, no read request
necessary. Subsequent words must be accessed by performing a formal
read operation.
Following Reset, the level applied to the BE/FWFT input to choose
the desired timing mode must remain static throughout FIFO operation.
Refer to Figure 3 (Reset) for a First Word Fall Through select timing
diagram.
PROGRAMMING THE ALMOST-EMPTY AND ALMOST-FULL FLAGS
Two registers in the IDT72V3623/72V3643 are used to hold the
offset values for the Almost-Empty and Almost-Full flags. The Almost-
Empty flag (AE) Offset register is labeled X and Almost-Full flag (AF)
Offset register is labeled Y. The offset registers can be loaded with preset
values during the reset of the FIFO, programmed in parallel using the
FIFO’s Port A data inputs, or programmed in serial using the Serial Data
(SD) input (see Table 1). SPM, FS0/SD, and FS1/SEN function the same
way in both IDT Standard and FWFT modes.
— PRESET VALUES
ToloadaFIFO’sAlmost-EmptyflagandAlmost-FullflagOffsetregisters
withoneofthethreepresetvalueslistedinTable1,theSerialProgramMode
(SPM)andatleastoneoftheflag-selectinputsmustbeHIGHduringtheLOW-
to-HIGH transition of the Reset input (RS1). For example, to load the
preset value of 64 into X and Y, SPM, FS0 and FS1 must be HIGH when
RS1
returns HIGH. For the relevant preset value loading timing diagram,
see Figure 3.
SIGNAL DESCRIPTION
RESET (RS1, RS2)
Afterpowerup,aResetoperationmustbeperformedbyprovidingaLOW
pulse to RS1 and RS2 simultaneously. Afterwards, the FIFO memory of
the IDT72V3623/72V3643 undergoes a complete reset by taking its
Reset(RS1andRS2)inputLOWforatleastfourPortAclock(CLKA)andfour
Port B clock (CLKB) LOW-to-HIGH transitions. The Reset inputs can switch
asynchronously to the clocks. A Reset initializes the internal read and
write pointers and forces the Full/Input Ready flag (FF/IR) LOW, the
Empty/Output Ready flag (EF/OR) LOW, the Almost-Empty flag (AE)
LOW, and the Almost-Full flag (AF) HIGH. A Reset (RS1) also forces the
Mailbox flag (MBF1) of the parallel mailbox register HIGH, and at the
same time the RS2 and MBF2 operate likewise. After a Reset, the FIFO’s
Full/Input Ready flag is set HIGH after two write clock cycles to begin
normal operation.
ALOW-to-HIGHtransitionontheFlFOReset(RS1)inputlatchesthevalue
of the Big-Endian (BE) input for determining the order by which bytes are
transferredthroughPortB.
ALOW-to-HIGHtransitionontheFlFOReset(RS1)inputalsolatchesthe
values of the Flag Select (FS0, FS1) and Serial Programming Mode (SPM)
inputs for choosing the Almost-Full and Almost-Empty offset programming
method ( for details see Table 1, Flag Programming, and Almost-Empty and
Almost-Full flag offset programming section). The relevant Reset timing
diagram can be found in Figure 3.
PARTIAL RESET (PRS)
The FIFO memory of the IDT72V3623/72V3643 undergoes a
limitedresetbytakingitsPartialReset(PRS)inputLOWforatleastfourPortA
clock (CLKA) and four Port B clock (CLKB) LOW-to-HIGH transitions. The
Partial Reset input can switch asynchronously to the clocks. A Partial
Reset initializes the internal read and write pointers and forces the Full/
Input Ready flag (FF/IR) LOW, the Empty/Output Ready flag (EF/OR)
LOW, the Almost-Empty flag (AE) LOW, and the Almost-Full flag (AF)
HIGH. A Partial Reset also forces the Mailbox flag (MBF1, MBF2) of the
parallel mailbox register HIGH. After a Partial Reset, the FIFO’s Full/Input
Ready flag is set HIGH after two Write Clock cycles to begin normal
operation. See Figure 4, Partial Reset (IDT Standard and FWFT Modes)
for the relevant timing diagram.
Whateverflagoffsets,programmingmethod(parallelorserial),andtiming
mode(FWFTorIDTStandardmode)arecurrentlyselectedatthetimeaPartial
Resetisinitiated,thosesettingswillberemainunchangeduponcompletionof
the reset operation. A Partial Reset may be useful in the case where
reprogramming a FIFO following a Reset would be inconvenient.
BIG-ENDIAN/FIRST WORD FALL THROUGH (BE/FWFT)
— ENDIAN SELECTION
This is a dual purpose pin. At the time of Reset, the BE select function
is active, permitting a choice of Big- or Little-Endian byte arrangement for
data read from Port B. This selection determines the order by which bytes
(or words) of data are transferred through this port. For the following
illustrations, assume that a byte (or word) bus size has been selected for
Port B. (Note that when Port B is configured for a long word size, the Big-
Endian function has no application and the BE input is a “don’t care”1.)
NOTE:
1. Either a HIGH or LOW can be applied to a “don’t care” input with no change to the logical operation of the FIFO. Nevertheless, inputs that are temporarily “don’t care” (along with unused
inputs) must not be left open, rather they must be either HIGH or LOW.


Similar Part No. - 72V3623L10PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V3623L10PFG RENESAS-72V3623L10PFG Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
72V3623L10PFG8 RENESAS-72V3623L10PFG8 Datasheet
365Kb / 29P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING 256 x 36 1,024 x 36
MARCH 2018
More results

Similar Description - 72V3623L10PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com