Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V3612L15PFG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72V3612L15PFG8
Description  3.3 VOLT CMOS SyncBiFIFO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3612L15PFG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  72V3612L15PFG8 Datasheet HTML 1Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 2Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 3Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 4Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 5Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 6Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 7Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 8Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
IDT72V3612 3.3V, CMOS SyncBiFIFOTM
64 x 36 x 2
COMMERCIALTEMPERATURERANGE
PIN DESCRIPTION (CONTINUED)
Symbol
Name
I/O
Description
MBF2
Mail2 Register Flag
O
MBF2 is set LOW by a LOW-to-HIGH transition of CLKB that writes data to the mail2 register.
Writes to the mail2 register are inhibited while MBF2 is set LOW. MBF2 is set HIGH by a LOW-to-
HIGH transition of CLKA when a port A read is selected and MBA is HIGH. MBF2 is set HIGH
when the device is reset.
ODD/
Odd/Even Parity
I
Odd parity is checked on each port when ODD/EVEN is HIGH, and even parity is checked when
EVEN
Select
ODD/EVEN is LOW. ODD/EVEN also selects the type of parity generated for each port if parity
generation is enabled for a read operation.
PEFA
Port A Parity Error
O
When any byte applied to terminals A0-A35 fails parity, PEFA is LOW. Bytes are organized as
Flag
(Port A)
A0-A8, A9-A17, A18-A26, and A27-A35, with the most significant bit of each byte serving as the
parity bit. The type of parity checked is determined by the state of the ODD/EVEN input. The
parity trees used to check the A0-A35 inputs are shared by the mail2 register to generate parity if
parity generation is selected by PGA. Therefore, if a mail2 read with parity generation is setup by
having W/RA LOW, MBA HIGH, and PGA HIGH, the PEFA flag is forced HIGH regardless of the
A0-A35 inputs.
PEFB
Port B Parity Error
O
When any byte applied to terminals B0-B35 fails parity, PEFB is LOW. Bytes are organized as
Flag
(Port B)
B0-B8, B9-B17, B18-B26, B27-B35 with the most significant bit of each byte serving as the parity
bit. The type of parity checked is determined by the state of the ODD/EVEN input. The parity trees
used to check the B0-B35 inputs are shared by the mail1 register to generate parity if parity
generation is selected by PGB. Therefore, if a mail1 read with parity generation is setup by having
W/RB LOW, MBB HIGH, and PGB HIGH, the PEFB flag is forced HIGH regardless of the state of
the B0-B35 inputs.
PGA
Port A Parity
I
Parity is generated for data reads from port A when PGA is HIGH. The type of parity generated is
Generation
selected by the state of the ODD/EVEN input. Bytes are organized as A0-A8, A9-A17, A18-A26,
and A27-A35. The generated parity bits are output in the most significant bit of each byte.
PGB
Port B Parity
I
Parity is generated for data reads from port B when PGB is HIGH. The type of parity generated is
Generation
selected by the state of the ODD/EVEN input. Bytes are organized as B0-B8, B9-B17, B18-B26,
and B27-B35. The generated parity bits are output in the most significant bit of each byte.
RST
Reset
I
To reset the device, four LOW-to-HIGH transitions of CLKA and four LOW-to-HIGH transitions of
CLKB must occur while RST is LOW. This sets the AFA, AFB, MBF1, and MBF2 flags HIGH and
the EFA, EFB, AEA, AEB, FFA, and FFB flags LOW. The LOW-to-HIGH transition of RST latches
the status of the FS1 and FS0 inputs to select Almost-Full and Almost-Empty flag offset.
W/RA
Port A Write/Read
I
A HIGH selects a write operation and a LOW selects a read operation on port A for a LOW-to-
Select
HIGH transition of CLKA. The A0-A35 outputs are in the high-impedance state when W/RA is
HIGH.
W/RB
Port B Write/Read
I
A HIGH selects a write operation and a LOW selects a read operation on port B for a LOW-to-
Select
HIGH transition of CLKB. The B0-B35 outputs are in the high-impedance state when W/RB is
HIGH.


Similar Part No. - 72V3612L15PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V3612L12PFG RENESAS-72V3612L12PFG Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
More results

Similar Description - 72V3612L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
   3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com