Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V3612L15PFG8 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 72V3612L15PFG8
Description  3.3 VOLT CMOS SyncBiFIFO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3612L15PFG8 Datasheet(HTML) 3 Page - Integrated Device Technology

  72V3612L15PFG8 Datasheet HTML 1Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 2Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 3Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 4Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 5Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 6Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 7Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 8Page - Integrated Device Technology 72V3612L15PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
IDT72V3612 3.3V, CMOS SyncBiFIFOTM
64 x 36 x 2
COMMERCIALTEMPERATURERANGE
Symbol
Name
I/O
Description
A0-A35
Port A Data
I/O
36-bitbidirectionaldataportforsideA.
AEA
PortAAlmost-Empty
O
Programmable Almost-Empty flag synchronized to CLKA. It is LOW when the number of words in
Flag
(Port A) the FIFO2 is less than or equal to the value in the offset register, X.
AEB
PortBAlmost-Empty
O
Programmable Almost-Empty flag synchronized to CLKB. It is LOW when the number of words in
Flag
(PortB) FIFO1 is less than or equal to the value in the offset register, X.
AFA
Port A Almost-Full
O
Programmable Almost-Full flag synchronized to CLKA. It is LOW when the number of empty
Flag
(Port A) locations in FIFO1 is less than or equal to the value in the offset register, X.
AFB
Port B Almost-Full
O
Programmable Almost-Full flag synchronized to CLKB. It is LOW when the number of empty
Flag
(Port B) locations in FIFO2 is less than or equal to the value in the offset register, X.
B0-B35
Port B Data.
I/O
36-bit bidirectional data port for side B.
CLKA
Port A Clock
I
CLKA is a continuous clock that synchronizes all data transfers through port A and can be
asynchronous or coincident to CLKB. EFA, FFA, AFA, and AEA are synchronized to the LOW-to-
HIGH transition of CLKA.
CLKB
Port B Clock
I
CLKB is a continuous clock that synchronizes all data transfers through port B and can be
asynchronous or coincident to CLKA. EFB, FFB, AFB, and AEB are synchronized to the LOW-to-
HIGH transition of CLKB.
CSA
Port A Chip Select
I
CSA must be LOW to enable a LOW-to-HIGH transition of CLKA to read or write data on port A.
The A0-A35 outputs are in the high-impedance state when CSA is HIGH.
CSB
Port B Chip Select
I
CSB must be LOW to enable a LOW-to-HIGH transition of CLKB to read or write data on port B.
The B0-B35 outputs are in the high-impedance state when CSB is HIGH.
EFA
Port A Empty Flag
O
EFA is synchronized to the LOW-to-HIGH transition of CLKA. When EFA is LOW, FIFO2 is empty,
(Port A) and reads from its memory are disabled. Data can be read from FIFO2 to the output register
when EFA is HIGH. EFA is forced LOW when the device is reset and is set HIGH by the second
LOW-to-HIGH transition of CLKA after data is loaded into empty FIFO2 memory.
EFB
Port B Empty Flag
O
EFB is synchronized to the LOW-to-HIGH transition of CLKB. When EFB is LOW, the FIFO1 is
(Port B) empty, and reads from its memory are disabled. Data can be read from FIFO1 to the output
register when EFB is HIGH. EFB is forced LOW when the device is reset and is set HIGH by the
second LOW-to-HIGH transition of CLKB after data is loaded into empty FIFO1 memory.
ENA
Port A Enable
I
ENA must be HIGH to enable a LOW-to-HIGH transition of CLKA to read or write data on port A.
ENB
Port B Enable
I
ENB must be HIGH to enable a LOW-to-HIGH transition of CLKB to read or write data on port B.
FFA
Port A Full Flag
O
FFA is synchronized to the LOW-to-HIGH transition of CLKA. When FFA is LOW, FIFO1 is full,
(Port A) and writes to its memory are disabled. FFA is forced LOW when the device is reset and is set
HIGH by the second LOW-to-HIGH transition of CLKA after reset.
FFB
Port B Full Flag
O
FFB is synchronized to the LOW-to-HIGH transition of CLKB. When FFB
is LOW, FIFO2 is full,
(Port B) and writes to its memory are disabled. FFB is forced LOW when the device is reset and is set
HIGH by the second LOW-to-HIGH transition of CLKB after reset.
FS1, FS0
Flag Offset Selects
I
The LOW-to-HIGH transition of RST latches the values of FS0 and FS1, which selects one of four
preset values for the Almost-Full flag and Almost-Empty flag.
MBA
Port A Mailbox
I
A HIGH level on MBA chooses a mailbox register for a port A read or write operation. When the
Select
A0-A35 outputs are active, a HIGH level on MBA selects data from the mail2 register for output,
and a LOW level selects FIFO2 output register data for output.
MBB
Port B Mailbox
I
A HIGH level on MBB chooses a mailbox register for a port B read or write operation. When the
Select
B0-B35 outputs are active, a HIGH level on MBB selects data from the mail1 register for output,
and a LOW level selects FIFO1 output register data for output.
MBF1
Mail1 Register Flag
O
MBF1 is set LOW by a LOW-to-HIGH transition of CLKA that writes data to the mail1 register.
Writes to the mail1 register are inhibited while MBF1 is set LOW. MBF1 is set HIGH by a LOW-to-
HIGH transition of CLKB when a port B read is selected and MBB is HIGH. MBF1 is set HIGH
when the device is reset.
PIN DESCRIPTION


Similar Part No. - 72V3612L15PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V3612L12PFG RENESAS-72V3612L12PFG Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
More results

Similar Description - 72V3612L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
   3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com