Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V3662L10PQFG Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 72V3662L10PQFG
Description  3.3 VOLT CMOS SyncBiFIFO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3662L10PQFG Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 72V3662L10PQFG Datasheet HTML 7Page - Integrated Device Technology 72V3662L10PQFG Datasheet HTML 8Page - Integrated Device Technology 72V3662L10PQFG Datasheet HTML 9Page - Integrated Device Technology 72V3662L10PQFG Datasheet HTML 10Page - Integrated Device Technology 72V3662L10PQFG Datasheet HTML 11Page - Integrated Device Technology 72V3662L10PQFG Datasheet HTML 12Page - Integrated Device Technology 72V3662L10PQFG Datasheet HTML 13Page - Integrated Device Technology 72V3662L10PQFG Datasheet HTML 14Page - Integrated Device Technology 72V3662L10PQFG Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
COMMERCIALTEMPERATURERANGE
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
FEBRUARY 4, 2009
TheportAdatainputsusedbytheoffsetregistersare(A7-A0),(A8-A0),or(A9-
A0) for the IDT72V3652, IDT72V3662, or IDT72V3672, respectively. The
highest numbered input is used as the most significant bit of the binary number
ineachcase. Validprogrammingvaluesfortheregistersrangesfrom1to2,044
for the IDT72V3652; 1 to 4,092 for the IDT72V3662; and 1 to 8,188 for the
IDT72V3672. AfteralltheoffsetregistersareprogrammedfromportA,theport
B Full/Input Ready flag (
FFB/IRB) is set HIGH, and both FIFOs begin normal
operation.SeeFigure3forrelevantoffsetregisterparallelprogrammingtiming
diagram.
FIFO WRITE/READ OPERATION
The state of the port A data (A0-A35) outputs is controlled by port A Chip
Select (
CSA) and port A Write/Read select (W/RA). The A0-A35 outputs are
in the high-impedance state when either
CSA or W/RA is HIGH. The A0-A35
outputs are active when both
CSA and W/RA are LOW.
Data is loaded into FIFO1 from the A0-A35 inputs on a LOW-to-HIGH
transition of CLKA when
CSA is LOW, W/RA is HIGH, ENA is HIGH , MBA is
LOW, and
FFA/IRA is HIGH. Data is read from FIFO2 to the A0-A35 outputs
by a LOW-to-HIGH transition of CLKA when
CSAisLOW,W/RAisLOW,ENA
is HIGH, MBA is LOW, and
EFA/ORA is HIGH (see Table 2). FIFO reads and
writes on port A are independent of any concurrent port B operation. Write and
Read cycle timing diagrams for Port A can be found in Figure 4 and 7.
TheportBcontrolsignalsareidenticaltothoseofportAwiththeexception
thattheportBWrite/Readselect(
W/RB)istheinverseoftheportAWrite/Read
select(W/
RA).ThestateoftheportBdata(B0-B35)outputsiscontrolledbythe
port B Chip Select (
CSB) and port B Write/Read select (W/RB). The B0-B35
outputs are in the high-impedance state when either
CSB is HIGH orW/RBis
LOW. The B0-B35 outputs are active when
CSB is LOW and W/RB is HIGH.
Data is loaded into FIFO2 from the B0-B35 inputs on a LOW-to-HIGH
transition of CLKB when
CSB is LOW, W/RB is LOW, ENB is HIGH, MBB is
LOW, and
FFB/IRB is HIGH. Data is read from FIFO1 to the B0-B35 outputs
byaLOW-to-HIGHtransitionofCLKBwhen
CSBisLOW,W/RBisHIGH,ENB
is HIGH, MBB is LOW, and
EFB/ORBisHIGH(seeTable3).FIFOreadsand
writes on port B are independent of any concurrent port A operation. Write and
Read cycle timing diagrams for Port B can be found in Figure 5 and 6.
The setup and hold time constraints to the port Clocks for the port Chip
SelectsandWrite/Readselectsareonlyforenablingwriteandreadoperations
andarenotrelatedtohigh-impedancecontrolofthedataoutputs.Ifaportenable
is LOW during a clock cycle, the port’s Chip Select and Write/Read select may
change states during the setup and hold time window of the cycle.
WhenoperatingtheFIFOinFWFTmodeandtheOutputReadyflagisLOW,
the next word written is automatically sent to the FIFO’s output register by the
LOW-to-HIGHtransitionoftheportclockthatsetstheOutputReadyflagHIGH.
When the Output Ready flag is HIGH, subsequent data is clocked to the output
registers only when a read is selected using the port’s Chip Select, Write/Read
select, Enable, and Mailbox select.
When operating the FIFO in IDT Standard mode, the first word will cause
the Empty Flag to change state on the second LOW-to-HIGH transition of the
Read Clock. The data word will not be automatically sent to the output register.
Instead, data residing in the FIFO's memory array is clocked to the output
register only when a read is selected using the port’s Chip Select, Write/Read
select, Enable, and Mailbox select.
CSB
W/RB
ENB
MBB
CLKB
Data B (B0-B35) I/O
Port Function
H
X
X
X
X
High-Impedance
None
L
L
L
X
X
Input
None
LL
H
L
Input
FIFO2 write
LL
H
H
Input
Mail2 write
L
H
L
L
X
Output
None
LH
H
L
Output
FIFO1 read
L
H
L
H
X
Output
None
LH
H
H
Output
Mail1 read (set
MBF1 HIGH)
TABLE 3 — PORT B ENABLE FUNCTION TABLE
TABLE 2 — PORT A ENABLE FUNCTION TABLE
CSA
W/
RA
ENA
MBA
CLKA
Data A (A0-A35) I/O
Port Function
H
X
X
X
X
High-Impedance
None
L
H
L
X
X
Input
None
LH
H
L
Input
FIFO1 write
LH
H
H
Input
Mail1 write
L
L
L
L
X
Output
None
LL
H
L
Output
FIFO2 read
L
L
L
H
X
Output
None
LL
H
H
Output
Mail2 read (set
MBF2 HIGH)


Similar Part No. - 72V3662L10PQFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V3660 RENESAS-72V3660 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
72V3660L10BBG RENESAS-72V3660L10BBG Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
72V3660L10BBG8 RENESAS-72V3660L10BBG8 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
72V3660L10BBGI RENESAS-72V3660L10BBGI Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
72V3660L10BBGI8 RENESAS-72V3660L10BBGI8 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
More results

Similar Description - 72V3662L10PQFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
   3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com