Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V3641L15PFG8 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72V3641L15PFG8
Description  3.3 VOLT CMOS SyncFIFO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3641L15PFG8 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72V3641L15PFG8 Datasheet HTML 3Page - Integrated Device Technology 72V3641L15PFG8 Datasheet HTML 4Page - Integrated Device Technology 72V3641L15PFG8 Datasheet HTML 5Page - Integrated Device Technology 72V3641L15PFG8 Datasheet HTML 6Page - Integrated Device Technology 72V3641L15PFG8 Datasheet HTML 7Page - Integrated Device Technology 72V3641L15PFG8 Datasheet HTML 8Page - Integrated Device Technology 72V3641L15PFG8 Datasheet HTML 9Page - Integrated Device Technology 72V3641L15PFG8 Datasheet HTML 10Page - Integrated Device Technology 72V3641L15PFG8 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
COMMERCIALTEMPERATURERANGE
IDT72V3631/72V3641
3.3V CMOS SYNCFIFO™ 512 x 36 and 1,024 x 36
AC ELECTRICAL CHARACTERISTICS
IDT72V3631L15
IDT72V3641L15
Symbol
Parameter
Min.
Max.
Unit
fS
Clock Frequency, CLKA or CLKB
66.7
MHz
tA
Access Time, CLKB
↑toB0-B35
2
10
ns
tPIR
Propagation Delay Time, CLKA
↑ to IR
1
8
ns
tPOR
Propagation Delay Time, CLKB
↑ to OR
1
8
ns
tPAE
Propagation Delay Time, CLKB
↑ to AE
18
ns
tPAF
Propagation Delay Time, CLKA
↑ to AF
18
ns
tPMF
Propagation Delay Time, CLKA
↑ to MBF1
08
ns
LOW or MBF2 HIGH and CLKB
↑ to MBF2
LOW or MBF1 HIGH
tPMR
Propagation Delay Time, CLKA
↑ to B0-B35(1)
210
ns
and CLKB
↑ to A0-A35(2)
tMDV
Propagation Delay Time, MBB to B0-B35 Valid
2
10
ns
tRSF
Propagation Delay Time, RST LOW to AE LOW
1
15
ns
and AF HIGH
tEN
Enable Time, CSA and W/RA LOW to A0-A35
2
10
ns
Active and CSB LOW and W/RB HIGH to B0-B35 Active
tDIS
Disable Time, CSA or W/RA HIGH to A0-A35 at high impedance and
1
8
ns
CSB HIGH or W/RB LOW to B0-B35 at high impedance
NOTES:
1. Writing data to the mail1 register when the B0-B35 outputs are active and MBB is HIGH.
2. Writing data to the mail2 register when the A0-A35 outputs are active and MBA is HIGH.


Similar Part No. - 72V3641L15PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V3641L15PFG8 RENESAS-72V3641L15PFG8 Datasheet
450Kb / 21P
   3.3 VOLT CMOS SyncFIFOTM 512 x 36 1,024 x 36
Oct.29.21
More results

Similar Description - 72V3641L15PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
IDT72V805 IDT-IDT72V805_16 Datasheet
200Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com