Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V3624L10PFG8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72V3624L10PFG8
Description  3.3 VOLT CMOS SyncBiFIFO
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3624L10PFG8 Datasheet(HTML) 2 Page - Integrated Device Technology

  72V3624L10PFG8 Datasheet HTML 1Page - Integrated Device Technology 72V3624L10PFG8 Datasheet HTML 2Page - Integrated Device Technology 72V3624L10PFG8 Datasheet HTML 3Page - Integrated Device Technology 72V3624L10PFG8 Datasheet HTML 4Page - Integrated Device Technology 72V3624L10PFG8 Datasheet HTML 5Page - Integrated Device Technology 72V3624L10PFG8 Datasheet HTML 6Page - Integrated Device Technology 72V3624L10PFG8 Datasheet HTML 7Page - Integrated Device Technology 72V3624L10PFG8 Datasheet HTML 8Page - Integrated Device Technology 72V3624L10PFG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
COMMERCIALTEMPERATURERANGE
IDT72V3624/72V3644 3.3V CMOS SyncBiFIFOTM WITH BUS-MATCHING
256 x 36 x 2, 1,024 x 36 x 2
PIN CONFIGURATION
TQFP (PK128, order code: PF)
TOP VIEW
W/
RA
CLKB
4664 drw02
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
ENA
CLKA
GND
A35
A34
A33
A32
Vcc
A31
A30
GND
A29
A28
A27
A26
A25
A24
A23
BE/
FWFT
GND
A22
Vcc
A21
A20
A19
A18
GND
A17
A16
A15
A14
A13
Vcc
A12
GND
A11
A10
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
102
101
PRS2
Vcc
B35
B34
B33
B32
GND
GND
B31
B30
B29
B28
B27
B26
Vcc
B25
B24
BM
GND
B23
B22
B21
B20
B19
B18
GND
B17
B16
Vcc
B15
B14
B13
B12
GND
B11
B10
INDEX
SIZE
DESCRIPTION:
The IDT72V3624/72V3644 are pin and functionally compatible
versions of the IDT723624/723644, designed to run off a 3.3V supply for
exceptionally low-power consumption. These devices are monolithic,
high-speed, low-power, CMOS bidirectional synchronous (clocked) FIFO
memory which supports clock frequencies up to 100 MHz and has read
access times as fast as 6.5ns. Two independent 256/1,024 x 36 dual-port
SRAM FIFOs on board each chip buffer data in opposite directions. FIFO
data on Port B can be input and output in 36-bit, 18-bit, or 9-bit formats with
a choice of Big- or Little-Endian configurations.
These devices are a synchronous (clocked) FIFO, meaning each port
employs a synchronous interface. All data transfers through a port are gated
totheLOW-to-HIGHtransitionofaportclockbyenablesignals.Theclocksfor
each port are independent of one another and can be asynchronous or


Similar Part No. - 72V3624L10PFG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V3624L10PFG8 RENESAS-72V3624L10PFG8 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results

Similar Description - 72V3624L10PFG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
   3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com