Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V835L10PFGI8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72V835L10PFGI8
Description  3.3 VOLT CMOS DUAL SyncFIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V835L10PFGI8 Datasheet(HTML) 2 Page - Integrated Device Technology

  72V835L10PFGI8 Datasheet HTML 1Page - Integrated Device Technology 72V835L10PFGI8 Datasheet HTML 2Page - Integrated Device Technology 72V835L10PFGI8 Datasheet HTML 3Page - Integrated Device Technology 72V835L10PFGI8 Datasheet HTML 4Page - Integrated Device Technology 72V835L10PFGI8 Datasheet HTML 5Page - Integrated Device Technology 72V835L10PFGI8 Datasheet HTML 6Page - Integrated Device Technology 72V835L10PFGI8 Datasheet HTML 7Page - Integrated Device Technology 72V835L10PFGI8 Datasheet HTML 8Page - Integrated Device Technology 72V835L10PFGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
IDT72V805/72V815/72V825/72V835/72V845
3.3 V CMOS DUAL SyncFIFO™ 256 x 18, 512 x 18, 1,024 x 18, 4,096 x 18
COMMERCIAL AND INDUSTRIAL
TEMPERATURE RANGES
PIN CONFIGURATIONS
TQFP (PK128, ORDER CODE: PF)
TOP VIEW
First-Out(FIFO)memorieswithclockedreadandwritecontrols. TheseFIFOs
are applicable for a wide variety of data buffering needs, such as optical disk
controllers,LocalAreaNetworks(LANs),andinterprocessorcommunication.
Each of the two FIFOs contained in these devices has an 18-bit input and
outputport. Eachinputportiscontrolledbyafree-runningclock(WCLK),and
an input enable pin (WEN). Data is read into the synchronous FIFO on every
clockwhenWENisasserted.TheoutputportofeachFIFObankiscontrolled
by another clock pin (RCLK) and another enable pin (REN). TheReadClock
can be tied to the Write Clock for single clock operation or the two clocks can
runasynchronousofoneanotherfordual-clockoperation. AnOutputEnable
pin (OE) is provided on the read port of each FIFO for three-state control of
theoutput.
The synchronous FIFOs have two fixed flags, Empty Flag/Output Ready
(EF/OR) and Full Flag/Input Ready (FF/IR), and two programmable flags,
Almost-Empty (PAE) and Almost-Full (PAF). The offset loading of the
programmable flags is controlled by a simple state machine, and is initiated
byassertingtheLoadpin(LD). AHalf-Fullflag(HF)isavailableforeachFIFO
thatisimplementedasasingledevice.
There are two possible timing modes of operation with these devices:
IDT Standard mode and First Word Fall Through (FWFT) mode.
In IDT Standard Mode, the first word written to an empty FIFO will not
appear on the data output lines unless a specific read operation is
performed. A read operation, which consists of activating REN and
enabling a rising RCLK edge, will shift the word from internal memory to the
data output lines.
In FWFT mode, the first word written to an empty FIFO is clocked directly
to the data output lines after three transitions of the RCLK signal. A REN
does not have to be asserted for accessing the first word.
These devices are depth expandable using a Daisy-Chain technique or
First Word Fall Through (FWFT) mode. The XI and XO pins are used to
expand the FIFOs. In depth expansion configuration, FL is grounded on
the first device and set to HIGH for all other devices in the Daisy Chain.
The IDT72V805/72V815/72V825/72V835/72V845 are fabricated using
high-speedsubmicronCMOStechnology.
VCC
LDA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
PAFA
RXIA
FFA
WXOA/HFA
RXOA
QA0
QA1
GND
QA2
QA3
VCC
QA4
GND
QA5
QA6
QA7
QA8
GND
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
PAEB
FLB
WCLKB
WENB
WXIB
VCC
PAFB
RXIB
FFB
WXOB/HFB
RXOB
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
102
101
OEA
RSA
VCC
GND
EFA
QA17
QA16
GND
QA15
VCC
QA14
QA13
GND
QA12
QA11
VCC
QA10
QA9
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
DB16
DB17
RCLKB
RENB
LDB
OEB
RSB
VCC
GND
EFB
INDEX
GND
4295 drw 02
DESCRIPTION (CONTINUED)


Similar Part No. - 72V835L10PFGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V835L10PFGI8 RENESAS-72V835L10PFGI8 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
More results

Similar Description - 72V835L10PFGI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V801 IDT-IDT72V801 Datasheet
150Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO?
IDT72V801 IDT-IDT72V801_14 Datasheet
166Kb / 16P
   3.3 VOLT DUAL CMOS SyncFIFO
IDT72V3611 IDT-IDT72V3611_14 Datasheet
334Kb / 19P
   3.3 VOLT CMOS SyncFIFO
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
IDT72V3631 IDT-IDT72V3631_14 Datasheet
394Kb / 20P
   3.3 VOLT CMOS SyncFIFO
IDT72V201 IDT-IDT72V201_13 Datasheet
285Kb / 14P
   3.3 VOLT CMOS SyncFIFO
IDT72V3623 IDT-IDT72V3623_15 Datasheet
213Kb / 28P
   3.3 VOLT CMOS SyncFIFO WITH
logo
Renesas Technology Corp
IDT72V201 RENESAS-IDT72V201 Datasheet
349Kb / 15P
   3.3 VOLT CMOS SyncFIFO™
MARCH 2018
logo
Integrated Device Techn...
IDT72V3611 IDT-IDT72V3611 Datasheet
200Kb / 20P
   3.3 VOLT CMOS SyncFIFO 64 x 36
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com