Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V3652L15PFG Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 72V3652L15PFG
Description  3.3 VOLT CMOS SyncBiFIFO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3652L15PFG Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 72V3652L15PFG Datasheet HTML 4Page - Integrated Device Technology 72V3652L15PFG Datasheet HTML 5Page - Integrated Device Technology 72V3652L15PFG Datasheet HTML 6Page - Integrated Device Technology 72V3652L15PFG Datasheet HTML 7Page - Integrated Device Technology 72V3652L15PFG Datasheet HTML 8Page - Integrated Device Technology 72V3652L15PFG Datasheet HTML 9Page - Integrated Device Technology 72V3652L15PFG Datasheet HTML 10Page - Integrated Device Technology 72V3652L15PFG Datasheet HTML 11Page - Integrated Device Technology 72V3652L15PFG Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
8
COMMERCIALTEMPERATURERANGE
IDT72V3652/72V3662/72V3672 3.3V CMOS SyncBiFIFOTM
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
FEBRUARY 4, 2009
IDT72V3652L10(1)
IDT72V3652L15
IDT72V3662L10(1)
IDT72V3662L15
IDT72V3672L10(1)
IDT72V3672L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
fS
Clock Frequency, CLKA or CLKB
100
66.7
MHz
tCLK
Clock Cycle Time, CLKA or CLKB
10
15
ns
tCLKH
Pulse Duration, CLKA or CLKB HIGH
4.5
6
ns
tCLKL
Pulse Duration, CLKA and CLKB LOW
4.5
6
ns
tDS
Setup Time, A0-A35 before CLKA
↑ and B0-B35
3
4
ns
before CLKB
tENS1
Setup Time,
CSA and W/RA, before
4
4.5
ns
CLKA
↑; CSB, and W/RB before CLKB↑
tENS2
Setup Time, ENA and MBA, before
3
4.5
ns
CLKA
↑; ENB, and MBB before CLKB↑
tRSTS
Setup Time,
RST1 or RST2 LOW before CLKA
5—
5—
ns
or CLKB
(2)
tFSS
Setup Time, FS0 and FS1 before
RST1 and RST2 HIGH
7.5
7.5
ns
tFWS
Setup Time,
FWFT before CLKA
0—
0—
ns
tDH
Hold Time, A0-A35 after CLKA
↑and B0-B35 after CLKB↑
0.5
1
ns
tENH
Hold Time,
CSA, W/RA, ENA, and MBA after CLKA
↑;
0.5
1
ns
CSB, W/RB, ENB, and MBB after CLKB
tRSTH
Hold Time,
RST1 or RST2 LOW after CLKA
↑ or CLKB↑(2)
4—
4—
ns
tFSH
Hold Time, FS0 and FS1 after
RST1 and RST2 HIGH
2
2
ns
tSKEW1(3)
Skew Time, between CLKA
↑ and CLKB↑ for EFA/ORA,
7.5
7.5
ns
EFB/ORB, FFA/IRA, and FFB/IRB
tSKEW2(3,4)
Skew Time, between CLKA
↑ and CLKB↑ for AEA,12
12
ns
AEB, AFA, and AFB
NOTES:
1. For 10ns speed grade: Vcc = 3.3V
± 0.15V; TA = 0° to +70°.
2. Requirement to count the clock edge as one of at least four needed to reset a FIFO.
3. Skew time is not a timing constraint for proper device operation and is only included to illustrate the timing relationship between CLKA cycle and CLKB cycle.
4. Design simulated, not tested.
TIMING REQUIREMENTS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE
(For 10ns speed grade only: Vcc = 3.3V ± 0.15V; TA = 0
°C to +70°C; JEDEC JESD8-A compliant)


Similar Part No. - 72V3652L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V3650 RENESAS-72V3650 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
72V3650L10BBG RENESAS-72V3650L10BBG Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
72V3650L10BBG8 RENESAS-72V3650L10BBG8 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
72V3650L10BBGI RENESAS-72V3650L10BBGI Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
72V3650L10BBGI8 RENESAS-72V3650L10BBGI8 Datasheet
493Kb / 47P
   3.3V HIGH-DENSITY SUPERSYNC™ II 36-BIT FIFO 1,024 x 36, 2,048 x 36 4,096 x 36, 8,192 x 36 16,384 x 36, 32,768 x 36
AUGUST 2018
More results

Similar Description - 72V3652L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3682 IDT-IDT72V3682 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO-TM
IDT72V3664 IDT-IDT72V3664 Datasheet
275Kb / 37P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3612 IDT-IDT72V3612 Datasheet
233Kb / 25P
   3.3 VOLT CMOS SyncBiFIFO-TM 64 x 36 x 2
IDT723622 IDT-IDT723622_15 Datasheet
188Kb / 24P
   CMOS SyncBiFIFO
IDT723652 IDT-IDT723652 Datasheet
257Kb / 29P
   CMOS SyncBiFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com