Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V3664L10PFG Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72V3664L10PFG
Description  3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V3664L10PFG Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72V3664L10PFG Datasheet HTML 3Page - Integrated Device Technology 72V3664L10PFG Datasheet HTML 4Page - Integrated Device Technology 72V3664L10PFG Datasheet HTML 5Page - Integrated Device Technology 72V3664L10PFG Datasheet HTML 6Page - Integrated Device Technology 72V3664L10PFG Datasheet HTML 7Page - Integrated Device Technology 72V3664L10PFG Datasheet HTML 8Page - Integrated Device Technology 72V3664L10PFG Datasheet HTML 9Page - Integrated Device Technology 72V3664L10PFG Datasheet HTML 10Page - Integrated Device Technology 72V3664L10PFG Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
COMMERCIALTEMPERATURERANGE
IDT72V3664 3.3V CMOS SyncBiFIFOTM WITH BUS-MATCHING
4,096 x 36 x 2
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING FREE-
AIR TEMPERATURE RANGE (Unless otherwise noted)
Symbol
Rating
Commercial
Unit
VCC
Supply Voltage Range
–0.5 to +4.6
V
VI(2)
InputVoltageRange
–0.5 to VCC+0.5
V
VO(2)
OutputVoltageRange
–0.5 to VCC+0.5
V
IIK
Input Clamp Current (VI < 0 or VI > VCC)
±20
mA
IOK
Output Clamp Current (VO = < 0 or VO > VCC)
±50
mA
IOUT
Continuous Output Current (VO = 0 to VCC)
±50
mA
ICC
Continuous Current Through VCC or GND
±400
mA
TSTG
StorageTemperatureRange
–65 to 150
°C
NOTES:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these
or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect
device reliability.
2. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR
TEMPERATURE RANGE (Unless otherwise noted)(1)
RECOMMENDED OPERATING CONDITIONS
NOTE:
1. For 10ns speed grade: Vcc = 3.3V
± 0.15V, JEDEC JESD8-A compliant
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC(1)
SupplyVoltagefor10ns
3.15
3.3
3.45
V
VCC
SupplyVoltagefor15ns
3.0
3.3
3.6
V
VIH
High-LevelInputVoltage
2
VCC+0.5
V
VIL
Low-LevelInputVoltage
0.8
V
IOH
High-LevelOutputCurrent
–4
mA
IOL
Low-LevelOutputCurrent
8
mA
TA
OperatingTemperature
0
70
°C
NOTES:
1. All typical values are at VCC = 3.3V, TA = 25
°C.
2. Commercial-10ns speed grade only: Vcc = 3.3V
± 0.15V, TA = 0° to +70°; JEDEC JESD8-A compliant.
3. For additional ICC information, see Figure 1, Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS).
4. Characterized values, not currently tested.
IDT72V3664
Commercial
tCLK = 10, 15 ns(2)
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VOH
OutputLogic"1"Voltage
VCC = 3.0V,
IOH = –4 mA
2.4
V
VOL
OutputLogic"0"Voltage
VCC = 3.0V,
IOL = 8 mA
0.5
V
ILI
InputLeakageCurrent(AnyInput)
VCC = 3.6V,
VI = VCC or 0
±10
μA
ILO
OutputLeakageCurrent
VCC = 3.6V,
VO = VCC or 0
±10
μA
ICC2(3)
Standby Current (with CLKA & CLKB running)
VCC = 3.6V,
VI = VCC –0.2V or 0V
5
mA
ICC3(3)
StandbyCurrent(noclocksrunning)
VCC = 3.6V,
VI = VCC –0.2V or 0V
1
mA
CIN(4)
InputCapacitance
VI = 0,
f = 1 MHz
4
pF
COUT(4) OutputCapacitance
VO = 0,
f = 1 MHZ
8
pF


Similar Part No. - 72V3664L10PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V3664L10PFG RENESAS-72V3664L10PFG Datasheet
454Kb / 38P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
72V3664L10PFG8 RENESAS-72V3664L10PFG8 Datasheet
454Kb / 38P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 4,096 x 36 x 2
JUNE 2016
More results

Similar Description - 72V3664L10PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723624 IDT-IDT723624_13 Datasheet
525Kb / 35P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT723654 IDT-IDT723654 Datasheet
406Kb / 37P
   CMOS SyncBiFIFO WITH BUS-MATCHING
IDT72V3652 IDT-IDT72V3652_09 Datasheet
227Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3624 IDT-IDT72V3624_15 Datasheet
285Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3612 IDT-IDT72V3612_14 Datasheet
397Kb / 24P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3683 IDT-IDT72V3683 Datasheet
341Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653 Datasheet
321Kb / 30P
   3.3 VOLT CMOS SyncFIFOTM WITH BUS-MATCHING
IDT72V3653 IDT-IDT72V3653_16 Datasheet
184Kb / 30P
   3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
IDT72V3622 IDT-IDT72V3622_15 Datasheet
210Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
IDT72V3652 IDT-IDT72V3652 Datasheet
249Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com