Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPF-MYR3-02 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # SPF-MYR3-02
Description  TTL Data Output (Light to Logic Function)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

SPF-MYR3-02 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  SPF-MYR3-02 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED SPF-MYR3-02 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED SPF-MYR3-02 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED SPF-MYR3-02 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED SPF-MYR3-02 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED SPF-MYR3-02 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED SPF-MYR3-02 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Application Circuit:
Notes:
1. Place these components as close as possible to their corresponding pins of the FOT.
2. Values can change due to different light output power of the LED.
3. This is just a proposal for the Rext application. There can be used also other circuits to switch Rext from 15K to 30K


Similar Part No. - SPF-MYR3-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPF-01T-2.5C ETC2-SPF-01T-2.5C Datasheet
232Kb / 8P
   Crimping tools and machines
SPF-01T-2.5C ETC2-SPF-01T-2.5C Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Kemet Corporation
SPF-100-1R1A010 KEMET-SPF-100-1R1A010 Datasheet
81Kb / 1P
   KEMET, SPF, DC Line Filters, Common Mode, 1000 nH
logo
SL Power Electronics
SPF-1000 SLPOWER-SPF-1000 Datasheet
71Kb / 2P
   500-1000 Watts Single Output, Forced Current Sharing
logo
SIRENZA MICRODEVICES
SPF-2000 SIRENZA-SPF-2000 Datasheet
260Kb / 3P
   Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation
More results

Similar Description - SPF-MYR3-02

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ODIN-MIT4-02 AVAGO-ODIN-MIT4-02 Datasheet
327Kb / 7P
   TTL Data Input (Logic to Light Function)
ODIN-MOT4-02 AVAGO-ODIN-MOT4-02 Datasheet
182Kb / 7P
   TTL Data Input (Logic to Light Function)
logo
Epson ToYoCom
TCO-711S4 EPSONTOYOCOM-TCO-711S4 Datasheet
426Kb / 1P
   TTL logic output
TCO-711STH EPSONTOYOCOM-TCO-711STH Datasheet
429Kb / 1P
   TTL logic output
logo
Intersil Corporation
ISL76683 INTERSIL-ISL76683 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function
logo
Silicon Supplies
5407 SS-5407 Datasheet
440Kb / 4P
   Bipolar TTL Logic
7407 SS-7407 Datasheet
439Kb / 4P
   Bipolar TTL Logic
7406 SS-7406 Datasheet
295Kb / 4P
   Bipolar TTL Logic
7406 SS-7406_V01 Datasheet
434Kb / 4P
   Bipolar TTL Logic
5406 SS-5406 Datasheet
295Kb / 4P
   Bipolar TTL Logic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com