Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPF-MYR3-02 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # SPF-MYR3-02
Description  TTL Data Output (Light to Logic Function)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

SPF-MYR3-02 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  SPF-MYR3-02 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED SPF-MYR3-02 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED SPF-MYR3-02 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED SPF-MYR3-02 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED SPF-MYR3-02 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED SPF-MYR3-02 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED SPF-MYR3-02 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SPF MYR3 02
Plastic Fiber Optic Receiver for MOST®
Data Sheet
Description
The 4-pin MOST Optical Receiver (MYR3 02) is a highly
integrated CMOS IC combined with a high speed PIN
- diode designed to receive up to 25Mbit/s optical data
which is bi-phase coded at up to 50Mbaud and convert
this optical data to a TTL compatible data stream.
This high performance, low cost, CMOS receiver consists
of a low noise transimpedance amplifier and comparator
in the data path. A timer circuit puts the part into a low
power mode if optical data is not received for 10µs (typ.).
During the low power mode, the PIN diode is still being
observed and if activity is detected, The IC will resume full
power operation within 3.5ms (typ.).
A STATUS-pin indicates if modulated light is received
(Light on -> STATUS = low). With the STATUS-pin the
power supply of the whole MOST device can be switched
ON.
SPF MYR3 02
Features
Excellent solution for converting high speed data from
Plastic Optical Fiber (POF) to digital output.
High
speed
receiver
up
to
50
MBaud
(25Mbit/s net data rate)
TTL Data Output (Light to Logic Function)
Network activity sensing during ZeroPower Mode
(ICC<10µA)
BUS Activity Status Output
Good 650nm sensitivity for working in a low
attenuation range of PMMA Fiber
Low cost
Applications
Optical Receiver for MOST Systems
Actual design status
IC Revision package type Optical Sensitivity device marking
J
CAI
-24.5 dBm
data code, MYR3 02


Similar Part No. - SPF-MYR3-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPF-01T-2.5C ETC2-SPF-01T-2.5C Datasheet
232Kb / 8P
   Crimping tools and machines
SPF-01T-2.5C ETC2-SPF-01T-2.5C Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
Kemet Corporation
SPF-100-1R1A010 KEMET-SPF-100-1R1A010 Datasheet
81Kb / 1P
   KEMET, SPF, DC Line Filters, Common Mode, 1000 nH
logo
SL Power Electronics
SPF-1000 SLPOWER-SPF-1000 Datasheet
71Kb / 2P
   500-1000 Watts Single Output, Forced Current Sharing
logo
SIRENZA MICRODEVICES
SPF-2000 SIRENZA-SPF-2000 Datasheet
260Kb / 3P
   Low Noise High Linearity pHEMT GaAs FET 0.1 - 12 GHz Operation
More results

Similar Description - SPF-MYR3-02

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ODIN-MIT4-02 AVAGO-ODIN-MIT4-02 Datasheet
327Kb / 7P
   TTL Data Input (Logic to Light Function)
ODIN-MOT4-02 AVAGO-ODIN-MOT4-02 Datasheet
182Kb / 7P
   TTL Data Input (Logic to Light Function)
logo
Epson ToYoCom
TCO-711S4 EPSONTOYOCOM-TCO-711S4 Datasheet
426Kb / 1P
   TTL logic output
TCO-711STH EPSONTOYOCOM-TCO-711STH Datasheet
429Kb / 1P
   TTL logic output
logo
Intersil Corporation
ISL76683 INTERSIL-ISL76683 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function
logo
Silicon Supplies
5407 SS-5407 Datasheet
440Kb / 4P
   Bipolar TTL Logic
7407 SS-7407 Datasheet
439Kb / 4P
   Bipolar TTL Logic
7406 SS-7406 Datasheet
295Kb / 4P
   Bipolar TTL Logic
7406 SS-7406_V01 Datasheet
434Kb / 4P
   Bipolar TTL Logic
5406 SS-5406 Datasheet
295Kb / 4P
   Bipolar TTL Logic
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com