Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QDJD-J821-SCR00 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # QDJD-J821-SCR00
Description  Robust CMOS-Schmitt input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

QDJD-J821-SCR00 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  QDJD-J821-SCR00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
General Specifications
Feature
Value
Interface
IC 100kHz
Input color format
CIE XYZ, Yxy, Yu’v’ and RGB (illuminant E)
Input sensor signal
0 to .5V (typical configuration)
Minimum dynamic range
Sensor output > 500 (ADC output code, each channel) during calibration
Output PWM frequency
610Hz nominal (typical configuration)
Output PWM resolution
1 bits
Error flag
Assertion on ERR_FLAG pin indicates an error condition
Device address control
Upper 5 bits 10101 binary, lower  bits defined by A1:A0 pins in that order
Supply
5V digital, 5V analog (nominal)
I/O
Schmitt-CMOS input and CMOS/TTL compatible output
PWM_R, PWM_G, PWM_B (Pin 16, Pin 15, Pin 14)
The PWM_R, PWM_G, and PWM_B output pins drive the
external LED drivers that drive the LED arrays. Typically
PWM_R drives only the red LEDs, PWM_G drives only the
green LEDs and PWM_B drives only the blue LEDs. They
are the output enable signals of the red, green and blue
LED drivers. So, they control the on-time duration of the
LEDs.
The assertion level of the PWM* signals can be toggled
by the user to support both active-low and active-high
enable inputs pins at the LED driver side. This is done by
configuring the PWML bit of register CONFIG1.
ERR_FLAG (Pin 17)
The ERR_FLAG pin is asserted high when an error condi-
tion is detected. The user can determine the type of error
by reading the ERROR register. The error conditions are
described in the ‘High Level Description’ section.
SENSE_X, SENSE_Y, SENSE_Z (Pin 23, Pin 22, Pin
21)
The SENSE_X, SENSE_Y and SENSE_Z pins are analog in-
put pins which are tied to the X-channel, Y-channel and
Z-channel of the photosensor output respectively. An
averaging filter is placed in between the sensor output
and the SENSE_X, SENSE_Y and SENSE_Z pins. The filter is
typically a 68kohm-1uF single-pole low-pass filter.
VREF_EXT (Pin 20)
The VREF_EXT pin is an analog input pin, which provides
an external reference voltage for the ADC. Typically, users
will use the internal reference generator to operate the
ADC. However, in specific application conditions, an ex-
ternal reference may be required. The external reference
is enabled by setting the VREFS bit of register CONFIG1
high.
ROSC (Pin 19)
A 68kohm precision 1% resistor is connected from the
ROSC to AVSS pin for use by the internal oscillator. In
external clock mode, ROSC can be left floating.
(Refer to the Application Note 5070 for resistor selection).
DVDD, DVSS, AVDD, AVSS (Pin 12, Pin 13, Pin 24,
Pin 18)
QDJD-J821 has separate power ground nets for the ana-
log and digital section. A star connection from a central
power source is recommended when designing the wir-
ing to these supply pins.
DVDD = Digital positive supply
DVSS = Digital ground
AVDD = Analog positive supply
AVSS = Analog ground


Similar Description - QDJD-J821-SCR00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4093BMS INTERSIL-CD4093BMS Datasheet
77Kb / 9P
   CMOS Quad 2-Input NAND Schmitt Triggers
December 1992
logo
Texas Instruments
CD4093B TI1-CD4093B_15 Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
CD4093B TI-CD4093B Datasheet
574Kb / 12P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
CD4093B-Q1 TI1-CD4093B-Q1 Datasheet
312Kb / 11P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND SCHMITT TRIGGER
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
logo
Unisonic Technologies
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
   Schmitt trigger input
logo
STMicroelectronics
74LX1G14 STMICROELECTRONICS-74LX1G14 Datasheet
205Kb / 11P
   LOW VOLTAGE CMOS SINGLE SCHMITT INVERTER WITH 5V TOLERANT INPUT
logo
Texas Instruments
CD54HC132 TI-CD54HC132 Datasheet
256Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD54HC132 TI-CD54HC132_08 Datasheet
442Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD74HC132 TI-CD74HC132 Datasheet
41Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com