Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QDJD-J821-SCR00 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # QDJD-J821-SCR00
Description  Robust CMOS-Schmitt input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

QDJD-J821-SCR00 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button QDJD-J821-SCR00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED QDJD-J821-SCR00 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
Figure 6. Master-Receiver Acknowledge
SCL
(MASTER)
8
9
SDA
(SLAVE-TRANSMITTER)
SDA
(MASTER-RECEIVER)
Acknowledge
clock pulse
LSB
SDA left HIGH
by transmitter
Not
acknowledge
SDA left HIGH
by receiver
P
Sr
STOP or repeated
START condition
Figure 7. Slave Addressing
MSB
LSB
R/W
A1
A6
A5
A4
A3
A2
A0
Slave address
1
0
0
1
1
In the case of the master-receiver and slave-transmitter,
the master generates a not acknowledge to signal the
end of the data transfer to the slave-transmitter. The mas-
ter can then send a STOP or repeated START condition to
begin a new data transfer.
In all cases, the master generates the acknowledge or not
acknowledge SCL clock pulse.
See Figure 6.
Addressing
Each device on the I2C bus needs to have a unique ad-
dress. This is the first byte that is sent by the master-trans-
mitter after the START condition. The protocol defines the
address as the first seven bits of the first byte.
The eighth bit or least significant bit (LSB) determines
the direction of data transfer. A ‘one’ in the LSB of the
first byte indicates that the master will read data from
the addressed slave (master-receiver and slave-transmit-
ter). A ‘zero’ in this position indicates that the master will
write data to the addressed slave (master-transmitter and
slave-receiver).
A device whose address matches the address sent by the
master will respond with an acknowledge for the first
byte and set itself up as a slave-transmitter or slave-re-
ceiver depending on the LSB of the first byte.
The slave address in QDJD-J821 is made up of a fixed
part and a programmable part. The fixed part is A6 to A2
and is set as shown in Figure 7. The programmable part
is A1 and A0, which is set by external package pins. The
programmable address pins allows a maximum of four
QDJD-J821 chips on the same I2C bus to be addressed
(address range from 54h to 57h).
See Figure 7.


Similar Description - QDJD-J821-SCR00

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4093BMS INTERSIL-CD4093BMS Datasheet
77Kb / 9P
   CMOS Quad 2-Input NAND Schmitt Triggers
December 1992
logo
Texas Instruments
CD4093B TI1-CD4093B_15 Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
CD4093B TI-CD4093B Datasheet
574Kb / 12P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
CD4093B-Q1 TI1-CD4093B-Q1 Datasheet
312Kb / 11P
[Old version datasheet]   CMOS QUAD 2-INPUT NAND SCHMITT TRIGGER
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
logo
Unisonic Technologies
L16B45AG-R24-R UTC-L16B45AG-R24-R Datasheet
267Kb / 12P
   Schmitt trigger input
logo
STMicroelectronics
74LX1G14 STMICROELECTRONICS-74LX1G14 Datasheet
205Kb / 11P
   LOW VOLTAGE CMOS SINGLE SCHMITT INVERTER WITH 5V TOLERANT INPUT
logo
Texas Instruments
CD54HC132 TI-CD54HC132 Datasheet
256Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD54HC132 TI-CD54HC132_08 Datasheet
442Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
CD74HC132 TI-CD74HC132 Datasheet
41Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input NAND Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com