Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C408A-409A Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C408A-409A
Description  64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C408A-409A Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C408A-409A Datasheet HTML 6Page - Cypress Semiconductor CY7C408A-409A Datasheet HTML 7Page - Cypress Semiconductor CY7C408A-409A Datasheet HTML 8Page - Cypress Semiconductor CY7C408A-409A Datasheet HTML 9Page - Cypress Semiconductor CY7C408A-409A Datasheet HTML 10Page - Cypress Semiconductor CY7C408A-409A Datasheet HTML 11Page - Cypress Semiconductor CY7C408A-409A Datasheet HTML 12Page - Cypress Semiconductor CY7C408A-409A Datasheet HTML 13Page - Cypress Semiconductor CY7C408A-409A Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CY7C408A
CY7C409A
10
Figure 5. Depth and Width Expansion[23,24,25,26,27].
Notes:
22. FIFOs can be easily cascaded to any desired depth. The handshaking and associated timing between the FIFOs are handled by the inherent timing of the
devices.
23. When the memory is empty the last word read will remain on the outputs until the master reset is strobed or a new data word falls through to the output.
24. When the output data changes as a result of a pulse on SO, the OR signal always goes LOW before there is any change in output data and stays LOW until
the new data has appeared on the outputs. Anytime OR is HIGH, there is valid stable data on the outputs.
25. If SO is held HIGH while the memory is empty and a word is written into the input, that word will fall through the memory to the output. OR will go HIGH for
one internal cycle (at least tPOR) and then go back LOW again. The stored word will remain on the outputs. If more words are written into the FIFO, they will
line up behind the first word and will not appear on the outputs until SO has been brought LOW.
26. When the master reset is brought LOW, the outputs are cleared to LOW, IR goes HIGH, and OR goes LOW.
27. FIFOs are expandable in depth and width. However, in forming wider words, two external gates are required to generate composite input ready and output
ready flags. This need is due to the variation of delays of the FIFOs
28. Because the data throughput in the cascade interface is dependent on the inverter delay, it is recommended that the fastest available inverter be used.
29. Transmission of data packets assumes that up to the maximum cumulative capacity of the FIFOs is shifted in without simultaneous shift out clock occurring.
The complement of this holds when data is shifted out as a packet.
192 x 27 Configuration
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
COMPOSITE
OUTPUT READY
SHIFT OUT
MR
COMPOSITE
INPUT READY
SHIFT IN
C408A–21
DO4
DI4
DI5
DI6
DI7
DI8
DO5
DO6
DO7
DO8
HF/AFE
HF/AFE
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
DO4
DI4
DI5
DI6
DI7
DI8
DO5
DO6
DO7
DO8
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
DO4
DI4
DI5
DI6
DI7
DI8
DO5
DO6
DO7
DO8
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
DO4
DI4
DI5
DI6
DI7
DI8
DO5
DO6
DO7
DO8
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
DO4
DI4
DI5
DI6
DI7
DI8
DO5
DO6
DO7
DO8
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
DO4
DI4
DI5
DI6
DI7
DI8
DO5
DO6
DO7
DO8
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
DO4
DI4
DI5
DI6
DI7
DI8
DO5
DO6
DO7
DO8
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
DO4
DI4
DI5
DI6
DI7
DI8
DO5
DO6
DO7
DO8
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
DO4
DI4
DI5
DI6
DI7
DI8
DO5
DO6
DO7
DO8


Similar Part No. - CY7C408A-409A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DC CYPRESS-CY7C401-10DC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10DMB CYPRESS-CY7C401-10DMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10LMB CYPRESS-CY7C401-10LMB Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
CY7C401-10PC CYPRESS-CY7C401-10PC Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
More results

Similar Description - CY7C408A-409A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C401 CYPRESS-CY7C401 Datasheet
270Kb / 13P
   64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
NXP Semiconductors
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
   9-bit x 64-word FIFO register; 3-state
December 1990
logo
Cypress Semiconductor
CY7C470 CYPRESS-CY7C470 Datasheet
270Kb / 15P
   8K x 9 FIFO, 16K x 9 FIFO 32K x 9 FIFO with Programmable Flags
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com