Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGA-622P8 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-622P8
Description  Low noise figure
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-622P8 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-622P8 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-622P8 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-622P8 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-622P8 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-622P8 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-622P8 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-622P8 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-622P8 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-622P8 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Avago Technologies
- 6 -
MGA-622P8
Data Sheet
MGA-622P8 Typical Performance Vdd=4V, Idd=61mA
MGA-622P8 Typical Performance Vdd=4V,
Idd=61mA
RF performance at TA = 25°C, Vdd = 4V, Rbias=2.49 k,
measured on demo board in Figure 6 with component list in
Table 1 for 1900 MHz matching, unless otherwise stated.
Figure 7 NF vs Frequency vs Temperature
Figure 8 Gain vs Frequency vs Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
Freq (GHz)
25°C
-40°C
85°C
12
13
14
15
16
17
18
19
20
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
Freq (GHz)
25°C
-40°C
85°C
Figure 9 OIP3 vs Frequency vs Temperature
Figure 10 OP1dB vs Frequency vs Temperature
0
5
10
15
20
25
30
35
40
45
50
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
Freq (GHz)
25°C
-40°C
85°C
12
14
16
18
20
22
24
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
Freq (GHz)
25°C
-40°C
85°C


Similar Part No. - MGA-622P8

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-621P8 AVAGO-MGA-621P8 Datasheet
3Mb / 18P
   450 MHz??500 MHz Low Noise Amplifier
logo
Broadcom Corporation.
MGA-621P8 BOARDCOM-MGA-621P8 Datasheet
3Mb / 18P
   450 MHz??500 MHz Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
MGA-62563 HP-MGA-62563 Datasheet
169Kb / 19P
   Current-Adjustable, Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-62563 AVAGO-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-62563 BOARDCOM-MGA-62563 Datasheet
138Kb / 18P
   Current-Adjustable, Low Noise Amplifi er
More results

Similar Description - MGA-622P8

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
   Low noise figure
logo
Inchange Semiconductor ...
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
   Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
   Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1322 AVAGO-ALM-1322 Datasheet
783Kb / 10P
   Very Low noise figure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com