Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW802C Datasheet(PDF) 3 Page - Agere Systems

Part # FW802C
Description  FW 802C LOW - POWER IEEE 1394A-2000 TWO CABLE TRANSCEIVER/ ARBITER DEVICE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

FW802C Datasheet(HTML) 3 Page - Agere Systems

  FW802C Datasheet HTML 1Page - Agere Systems FW802C Datasheet HTML 2Page - Agere Systems FW802C Datasheet HTML 3Page - Agere Systems FW802C Datasheet HTML 4Page - Agere Systems FW802C Datasheet HTML 5Page - Agere Systems FW802C Datasheet HTML 6Page - Agere Systems FW802C Datasheet HTML 7Page - Agere Systems FW802C Datasheet HTML 8Page - Agere Systems FW802C Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet, Rev. 1
FW802C Low-Power PHY
IEEE 1394A-2000
August 2002
Two-Cable Transceiver/Arbiter Device
Agere Systems Inc.
3
Description
The Agere Systems Inc. FW802C device provides the
analog physical layer functions needed to implement a
two-port node in a cable-based
IEEE 1394-1995 and
IEEE 1394a-2000 network.
Each cable port incorporates two differential line trans-
ceivers. The transceivers include circuitry to monitor
the line conditions as needed for determining connec-
tion status, for initialization and arbitration, and for
packet reception and transmission. The PHY is
designed to interface with a link-layer controller (LLC).
The PHY requires either an external 24.576 MHz
crystal or crystal oscillator. The internal oscillator
drives an internal phase-locked loop (PLL), which
generates the required 400 MHz reference signal. The
400 MHz reference signal is internally divided to
provide the 49.152 MHz, 98.304 MHz, and
196.608 MHz clock signals that control transmission of
the outbound encoded strobe and data information.
The 49.152 MHz clock signal is also supplied to the
associated LLC for synchronization of the two chips
and is used for resynchronization of the received data.
The powerdown function, when enabled by the PD
signal high, stops operation of the PLL and disables all
circuitry except the cable-not-active signal circuitry.
The PHY supports an isolation barrier between itself
and its LLC. When /ISO is tied high, the link interface
outputs behave normally. When /ISO is tied low,
internal differentiating logic is enabled, and the outputs
become short pulses, which can be coupled through a
capacitor or transformer as described in the
IEEE 1394-1995 Annex J. To operate with bus-keeper
isolation, the /ISO pin of the FW802C must be tied
high.
Data bits to be transmitted through the cable ports are
received from the LLC on two, four, or eight data lines
(D[0:7]), and are latched internally in the PHY in
synchronization with the 49.152 MHz system clock.
These bits are combined serially, encoded, and
transmitted at 98.304 Mbits/s, 196.608 Mbits/s, or
393.216 Mbits/s as the outbound data-strobe
information stream. During transmission, the encoded
data information is transmitted differentially on the TPA
and TPB cable pair(s).
During packet reception, the TPA and TPB
transmitters of the receiving cable port are disabled,
and the receivers for that port are enabled. The
encoded data information is received on the TPA and
TPB cable pair. The received data-strobe information
is decoded to recover the receive clock signal and the
serial data bits. The serial data bits are split into two,
four, or eight parallel streams, resynchronized to the
local system clock, and sent to the associated LLC.
The received data is also transmitted (repeated) out of
the other active (connected) cable ports.
Both the TPA and TPB cable interfaces incorporate
differential comparators to monitor the line states
during initialization and arbitration. The outputs of
these comparators are used by the internal logic to
determine the arbitration status. The TPA channel
monitors the incoming cable common-mode voltage.
The value of this common-mode voltage is used during
arbitration to set the speed of the next packet
transmission. In addition, the TPB channel monitors
the incoming cable common-mode voltage for the
presence of the remotely supplied twisted-pair bias
voltage. This monitor is called bias-detect.
The TPBIAS circuit monitors the value of incoming
TPA pair common-mode voltage when local TPBIAS is
inactive. Because this circuit has an internal current
source and the connected node has a current sink, the
monitored value indicates the cable connection status.
This monitor is called connect-detect.
Both the TPB bias-detect monitor and TPBIAS
connect-detect monitor are used in suspend/resume
signaling and cable connection detection.
The PHY provides a 1.86 V nominal bias voltage for
driver load termination. This bias voltage, when seen
through a cable by a remote receiver, indicates the
presence of an active connection. The value of this
bias voltage has been chosen to allow interoperability
between transceiver chips operating from 5 V or 3 V
nominal supplies. This bias voltage source should be
stabilized by using an external filter capacitor of
approximately 0.33
µF.
The transmitter circuitry, the receiver circuitry, and the
twisted-pair bias voltage circuity are all disabled with a
powerdown condition. The powerdown condition
occurs when the PD input is high. The port transmitter
circuitry, the receiver circuitry, and the TPBIAS output
are also disabled when the port is disabled,
suspended, or disconnected.
The line drivers in the PHY operate in a high-
impedance current mode and are designed to work
with external 112
Ω line-termination resistor networks.
One network is provided at each end of each twisted-
pair cable. Each network is composed of a pair of
series-connected 56
Ω resistors. The midpoint of the
pair of resistors that is directly connected to the
twisted-pair A (TPA) signals is connected to the PBIAS
voltage signal. The midpoint of the pair of


Similar Part No. - FW802C

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW802 AGERE-FW802 Datasheet
397Kb / 24P
   Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802A AGERE-FW802A Datasheet
397Kb / 24P
   Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802A-DB AGERE-FW802A-DB Datasheet
397Kb / 24P
   Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
FW802B-DB AGERE-FW802B-DB Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
More results

Similar Description - FW802C

ManufacturerPart #DatasheetDescription
logo
Agere Systems
FW802A AGERE-FW802A Datasheet
397Kb / 24P
   Low-Power PHY IEEE 1394A-2000 Two-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
logo
Agere Systems
FW802BF AGERE-FW802BF Datasheet
529Kb / 26P
   Low-Power PHY 1394a-2000 Two-Cable Transceiver/Arbiter Device
FW801A AGERE-FW801A Datasheet
378Kb / 24P
   Low-Power PHY IEEE 1394A-2000 One-Cable Transceiver/Arbiter Device
FW802B AGERE-FW802B Datasheet
340Kb / 26P
   Low-Power PHY IEEE짰 1394A-2000 Two-Cable Transceiver/Arbiter Device
logo
Texas Instruments
TSB41AB2 TI-TSB41AB2 Datasheet
699Kb / 50P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEVER/ARBITER
TSB41LV02A TI-TSB41LV02A Datasheet
630Kb / 50P
[Old version datasheet]   IEEE 1394a TWO PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3 TI-TSB41AB3 Datasheet
747Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com