Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2533 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2533
Description  LSTTL compatible
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2533 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2533 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2533 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
IEC/EN/DINEN60747-5-2InsulationCharacteristics(Option060)
Characteristic
Description
Symbol
HCPL-2533
Unit
InstallationclassificationperDINVDE0110/1.89,Table1
forratedmainsvoltage≤150Vrms
forratedmainsvoltage≤300Vrms
I-IV
forratedmainsvoltage≤600Vrms
I-III
ClimaticClassification
55/100/21
PollutionDegree(DINVDE0110/1.89)
2
MaximumWorkingInsulationVoltage
VIORM
630
Vpeak
InputtoOutputTestVoltage,Methodb*
VIORMx1.875=VPR,100%ProductionTest
VPR
1181
Vpeak
withtm=1sec,PartialDischarge<5pC
InputtoOutputTestVoltage,Methoda*
VIORMx1.5=VPR,TypeandSampleTest,
VPR
945
Vpeak
tm=60sec,PartialDischarge<5pC
HighestAllowableOvervoltage
VIOTM
6000
Vpeak
(TransientOvervoltage,tini=10sec)
SafetyLimitingValues
(Maximumvaluesallowedintheeventofafailure.)
CaseTemperature
TS
175
°C
InputCurrent**
IS,INPUT
230
mA
OutputPower**
PS,OUTPUT
600
mW
InsulationResistanceatTS,VIO=500V
RS
>109
Ω
* RefertotheoptocouplersectionoftheIsolationandControlComponentsDesigner'sCatalog,underProductSafetyRegulationssection,
IEC/EN/DINEN60747-5-2,foradetaileddescriptionofMethodaandMethodbpartialdischargetestprofiles.
**RefertothefollowingfigurefordependenceofPSandISonambienttemperature.
Note:Isolationcharacteristicsareguaranteedonlywithinthesafetymaximumratings,whichmustbeensuredbyprotectivecircuitsinapplication.
0
0
TS – CASE TEMPERATURE – °C
200
700
400
25
800
50
75 100
200
150 175
PS (mW)
IS (mA)
125
100
300
600
500


Similar Part No. - HCPL-2533

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCPL-2533 BOARDCOM-HCPL-2533 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Similar Description - HCPL-2533

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1GT04 ONSEMI-NLU1GT04 Datasheet
99Kb / 8P
   Single Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 1
MC74HCT4051A ONSEMI-MC74HCT4051A Datasheet
262Kb / 18P
   Analog Multiplexers / Demultiplexers with LSTTL Compatible Inputs
January, 2010 ??Rev. 0
MC74HCT14A ONSEMI-MC74HCT14A Datasheet
140Kb / 8P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
March, 2000 ??Rev. 7
MC74HCT14ADG ONSEMI-MC74HCT14ADG Datasheet
148Kb / 9P
   Hex Schmitt-Trigger Inverter with LSTTL Compatible Inputs
May, 2011 ??Rev. 12
logo
Leshan Radio Company
L74VHC1GT05 LRC-L74VHC1GT05 Datasheet
228Kb / 6P
   Inverter with Open DrainOutput with LSTTL-Compatible Inputs
L74VHC1GT08 LRC-L74VHC1GT08 Datasheet
184Kb / 6P
   2-Input AND Gate with LSTTL-Compatible Inputs
L74VHC1GT32 LRC-L74VHC1GT32 Datasheet
196Kb / 6P
   2-Input OR Gate with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT08A ONSEMI-MC74HCT08A_14 Datasheet
122Kb / 6P
   Quad 2-Input AND Gate with LSTTL Compatible
February, 2014 ??Rev. 9
NLU1GT14 ONSEMI-NLU1GT14 Datasheet
101Kb / 8P
   Single Schmitt-Trigger Inverter, TTL Level LSTTL-Compatible Inputs
March, 2008 - Rev. 2
logo
Motorola, Inc
MC74HCT04T MOTOROLA-MC74HCT04T Datasheet
77Kb / 6P
   With LSTTL-Compatible Inputs High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com