Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-5930Z Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5930Z
Description  Fully RoHS compliant
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5930Z Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-5930Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-5930Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-5930Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-5930Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-5930Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-5930Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-5930Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-5930Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-5930Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Figure 2a. Package Outline Drawing
FRONT VIEW
13.97
(0.55)
MIN.
4.5 ±0.2
(0.177 ±0.008)
(PCB to OPTICS
CENTER LINE)
5.15
(0.20)
(PCB to OVERALL
RECEPTACLE
CENTER LINE)
DIMENSIONS IN MILLIMETERS (INCHES)
NOTES:
1. THIS PAGE DESCRIBES THE MAXIMUM PACKAGE OUTLINE, MOUNTING STUDS, PINS AND THEIR RELATIONSHIPS TO EACH OTHER.
2. TOLERANCED TO ACCOMMODATE ROUND OR RECTANGULAR LEADS.
3. ALL 12 PINS AND POSTS ARE TO BE TREATED AS A SINGLE PATTERN.
4. THE MT-RJ HAS A 750 µm FIBER SPACING.
5. THE MT-RJ ALIGNMENT PINS ARE IN THE MODULE.
6. FOR SM MODULES, THE FERRULE WILL BE PC POLISHED (NOT ANGLED).
7. SEE MT-RJ TRANSCEIVER PIN OUT DIAGRAM FOR DETAILS.
37.24 (1.466) MAX.
SIDE VIEW
49.20 (1.937)
9.8
(0.386)
MAX.
9.3
(0.366)
MAX.
Ø 1.07
(0.042)
3.3
(0.13)
Ø 0.61
(0.024)
Pin 1
TOP VIEW
9.6
(0.378)
MAX.
13.59
(0.535)
MAX.
12
(0.472)
7.59
(0.299)
8.6
(0.339)
Ø1.5
(0.059)
17.778
(0.7)
1.778
(0.07)
7.112
(0.28)
+0
-0.2
(+000)
(-008)
10.16
(0.4)
Figure 2b. Component Labeling information


Similar Part No. - AFBR-5930Z

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-5930Z BOARDCOM-AFBR-5930Z Datasheet
343Kb / 13P
   200 MBd SBCON Transceivers in 2 x 5 Package Style
More results

Similar Description - AFBR-5930Z

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT91L34IVF EXAR-XRT91L34IVF Datasheet
166Kb / 2P
   China RoHS Fully Compliant
logo
Diodes Incorporated
DMN61D8LQ DIODES-DMN61D8LQ Datasheet
510Kb / 7P
   Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
logo
Vishay Siliconix
RCG06030000Z0EA VISHAY-RCG06030000Z0EA Datasheet
136Kb / 7P
   Fully RoHS Compliant, Green, Thick Film, Rectangular Chip Resistors
Revision: 13-Feb-13
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com