Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N7000 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 2N7000
Description  N-Channel 60-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N7000 Datasheet(HTML) 5 Page - Vishay Siliconix

  2N7000 Datasheet HTML 1Page - Vishay Siliconix 2N7000 Datasheet HTML 2Page - Vishay Siliconix 2N7000 Datasheet HTML 3Page - Vishay Siliconix 2N7000 Datasheet HTML 4Page - Vishay Siliconix 2N7000 Datasheet HTML 5Page - Vishay Siliconix 2N7000 Datasheet HTML 6Page - Vishay Siliconix 2N7000 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2N7000/2N7002, VQ1000J/P, BS170
Vishay Siliconix
Document Number: 70226
S-04279—Rev. F, 16-Jul-01
www.vishay.com
11-5
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
0
1
2
3
4
5
6
0
2
4
6
8
101214
1618
20
0.001
0.010
0.100
1.000
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD – Source-to-Drain Voltage (V)
VGS – Gate-to-Source Voltage (V)
500 mA
ID = 50 mA
TJ = 25
_C
TJ = 125
_C
Threshold Voltage
–0.75
–0.50
–0.25
–0.00
0.25
0.50
–50
–25
0
25
50
75
100
125
150
ID = 250
mA
10 K
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
1
0.01
0.1
0.01
0.1
1
100
10
1 K
Normalized Effective Transient Thermal Impedance, Junction-to-Ambient (TO-226AA, BS170 Only)
t1 – Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 156_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
Notes:
PDM
t2


Similar Part No. - 2N7000

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KOO CHIN ELECT...
2N7000 KOOCHIN-2N7000 Datasheet
661Kb / 3P
   MOSFET( N-Channel )
logo
Motorola, Inc
2N7000 MOTOROLA-2N7000 Datasheet
77Kb / 4P
   CASE 29-04, STYLE 22 TO-92 (TO-226AA)
logo
STMicroelectronics
2N7000 STMICROELECTRONICS-2N7000 Datasheet
383Kb / 14P
   N-channel 60V - 1.8ohm - 0.35A - SOT23-3L / TO-92 STripFET Power MOSFET
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
64Kb / 6P
   N-Channel 60-V (D-S) MOSFET
Rev. F, 16-Jul-01
logo
Guangdong Kexin Industr...
2N7000 KEXIN-2N7000 Datasheet
74Kb / 1P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - 2N7000

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com