Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FODM3053 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FODM3053
Description  4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 2 page
background image
4-PIN FULL PITCH MINI-FLAT PACKAGE
RANDOM PHASE TRIAC DRIVER
OUTPUT OPTOCOUPLERS
FODM3051
FODM3052
FODM3053
11/10/03
Page 2 of 8
© 2003 Fairchild Semiconductor Corporation
* All typicals at TA = 25°C
Note
1. Test voltage must be applied within dv/dt rating.
2. This is static dv/dt. See Figure 1 for test circuit. Commutating dv/dt is function of the load-driving thyristor(s) only.
3. All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore, recommended operating IF lies
between max IFT (15 mA for FODM3051, 10 mA for FODM3052, 5 mA for FODM3053) and absolute max IF (60 mA).
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
EMITTER
Input Forward Voltage
IF = 10 mA
VF
All
1.20
1.5
V
Reverse Leakage Current
VR = 3 V
IR
All
0.01
100
µA
DETECTOR
Peak Blocking Current Either Direction
VDRM = 600V, IF = 0 (note 1)
IDRM
All
3
100
nA
Peak On-State Voltage Either Direction
ITM = 100mA peak
VTM
All
2.0
2.5
V
Critical Rate of Rise of Off-State Voltage
IF = 0 (Figure 8, note 2)
dV/dt
All
1000
V/µs
TRANSFER CHARACTERISTICS (TA = 25°C Unless otherwise specified)
DC Characteristics
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
LED Trigger Current
Main Terminal
Voltage = 3V (note 3)
IFT
FODM3051
15
mA
FODM3052
10
FODM3053
5
Holding Current, Either Direc-
tion
IH
All
300
µA
ISOLATION CHARACTERISTICS (TA = 25°C Unless otherwise specified)
Characteristic
Test Conditions
Symbol
Device
Min
Typ*
Max
Unit
Steady State Isolation Voltage
t = 1 Minute
VISO
All
3750
V(RMS)




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FODM30104-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM-PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
HMA121FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
HMHAA280HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
TCLT11Optocoupler Phototransistor Output SOP-6L5 Half Pitch Long Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
TCMT1600Optocoupler Phototransistor Output AC Input Single/Quad Channel Half Pitch Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
TCMD4000Optocoupler Photodarlington Output High Gain Single/Quad Channel Half Pitch Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
STP08CDC5968-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION 1 2 3 4 5 MoreSTMicroelectronics
KMOC3061ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT 600V VOLTS PEAK 1 2 COSMO Electronics Corporation
NTE3047Optoisolator TRIAC Driver Output 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl