Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


FODM3053 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FODM3053
Description  4-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 5 page
background image
11/10/03
Page 5 of 8
© 2003 Fairchild Semiconductor Corporation
4-PIN FULL PITCH MINI-FLAT PACKAGE
RANDOM PHASE TRIAC DRIVER
OUTPUT OPTOCOUPLERS
FODM3051
FODM3052
FODM3053
MARKING INFORMATION
ORDERING INFORMATION
Option
Description
V
VDE Approved
R1
Tape and Reel (500 units)
R2
Tape and Reel (2500 units)
R3
Tape and Reel (500 units; unit 180° rotated)
R4
Tape and Reel (2500 units; unit 180° rotated)
R1V
Tape and Reel (500 units) and VDE Approved
R2V
Tape and Reel (2500 units) and VDE Approved
R3V
Tape and Reel (500 units; unit 180° rotated) and VDE Approved
R4V
Tape and Reel (2500 units; unit 180° rotated) and VDE Approved
1
2
6
4
3
5
Definitions
1
Fairchild logo
2
Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4
One digit year code
5
Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
3051
X
VM
YY




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FODM30104-PIN FULL PITCH MINI-FLAT PACKAGE RANDOM-PHASE TRIAC DRIVER OUTPUT OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
HMA121FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
HMHAA280HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS 1 2 3 4 5 MoreFairchild Semiconductor
TCLT11Optocoupler Phototransistor Output SOP-6L5 Half Pitch Long Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
TCMT1600Optocoupler Phototransistor Output AC Input Single/Quad Channel Half Pitch Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
TCMD4000Optocoupler Photodarlington Output High Gain Single/Quad Channel Half Pitch Mini-Flat Package 1 2 3 4 5 MoreVishay Siliconix
STP08CDC5968-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION 1 2 3 4 5 MoreSTMicroelectronics
KMOC3061ZERO CROSSING OPTOISOLATORS TRIAC DRIVER OUTPUT 600V VOLTS PEAK 1 2 COSMO Electronics Corporation
NTE3047Optoisolator TRIAC Driver Output 1 2 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl