Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD55008 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD55008
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55008 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD55008 Datasheet HTML 2Page - STMicroelectronics PD55008 Datasheet HTML 3Page - STMicroelectronics PD55008 Datasheet HTML 4Page - STMicroelectronics PD55008 Datasheet HTML 5Page - STMicroelectronics PD55008 Datasheet HTML 6Page - STMicroelectronics PD55008 Datasheet HTML 7Page - STMicroelectronics PD55008 Datasheet HTML 8Page - STMicroelectronics PD55008 Datasheet HTML 9Page - STMicroelectronics PD55008 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PD55008 - PD55008S
8/10
TEST CIRCUIT
6.4 inches
TEST CIRCUIT
TEST CIRCUIT
TEST CIRCUIT PHOTOMASTER


Similar Part No. - PD55008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD55008 ETC1-PD55008 Datasheet
288Kb / 5P
   HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
PD55008 STMICROELECTRONICS-PD55008 Datasheet
336Kb / 18P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
March, 21 2003
PD55008-E STMICROELECTRONICS-PD55008-E Datasheet
414Kb / 28P
   RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PD55008-E STMICROELECTRONICS-PD55008-E_10 Datasheet
501Kb / 25P
   RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
More results

Similar Description - PD55008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD57002 STMICROELECTRONICS-PD57002 Datasheet
131Kb / 16P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD54008L-E STMICROELECTRONICS-PD54008L-E Datasheet
215Kb / 15P
   RF power transistors The LdmoST Plastic family
PD55015-PD55015S STMICROELECTRONICS-PD55015-PD55015S Datasheet
120Kb / 10P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD57018 STMICROELECTRONICS-PD57018 Datasheet
47Kb / 4P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD55035 STMICROELECTRONICS-PD55035 Datasheet
181Kb / 14P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD54003L-E STMICROELECTRONICS-PD54003L-E Datasheet
143Kb / 13P
   RF Power Transistors The LdmoST Plastic FAMILY
PD54003L STMICROELECTRONICS-PD54003L Datasheet
83Kb / 8P
   RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
PD54008L STMICROELECTRONICS-PD54008L Datasheet
92Kb / 8P
   RF POWER TRANSISTORS The LdmoST PLASTIC FAMILY
PD57030 STMICROELECTRONICS-PD57030 Datasheet
47Kb / 4P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD55003L STMICROELECTRONICS-PD55003L Datasheet
134Kb / 13P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PD55025 STMICROELECTRONICS-PD55025 Datasheet
289Kb / 13P
   RF POWER TRANSISTORS The LdmoST Plastic FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com