Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBC847BDW1T1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBC847BDW1T1G
Description  Dual General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC847BDW1T1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBC847BDW1T1G Datasheet HTML 1Page - Leshan Radio Company LBC847BDW1T1G Datasheet HTML 2Page - Leshan Radio Company LBC847BDW1T1G Datasheet HTML 3Page - Leshan Radio Company LBC847BDW1T1G Datasheet HTML 4Page - Leshan Radio Company LBC847BDW1T1G Datasheet HTML 5Page - Leshan Radio Company LBC847BDW1T1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LBC846ADW1T1G Series
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
V (BR)CEO
V
(I C = 10 mA)
LBC846 Series
65
LBC847 Series
45
LBC848 Series
30
Collector–Emitter Breakdown Voltage
V (BR)CES
V
(I C = 10
µA, V
EB = 0)
LBC846 Series
80
LBC847 Series
50
LBC848 Series
30
Collector–Base Breakdown Voltage
V (BR)CBO
V
(I C = 10
µA)
LBC846 Series
80
LBC847 Series
50
LBC848 Series
30
Emitter–Base Breakdown Voltage
V (BR)EBO
V
(I E = 1.0
µA)
LBC846 Series
6.0
LBC847 Series
6.0
LBC848 Series
5.0
Collector Cutoff Current
(V CB = 30 V)
I CBO
——
15
nA
(V CB = 30 V, T A = 150°C)
5.0
µA
ON CHARACTERISTICS
DC Current Gain
h
FE
(I
C = 2.0 mA, V CE = 5.0 V)
LBC846B, LBC847B, LBC848B
200
290
450
LBC847C, LBC848C
420
520
800
Collector–Emitter Saturation Voltage (I
C = 10 mA, I B = 0.5 mA)
V
CE(sat)
0.25
V
Collector–Emitter Saturation Voltage
( I
C = 100 mA, I B = 5.0 mA)
0.6
Base–Emitter Saturation Voltage (I
C = 10 mA, I B = 0.5 mA)
V
BE(sat)
0.7
V
Base–Emitter Saturation Voltage
(I
C = 100 mA, I B = 5.0 mA)
0.9
Base–Emitter Voltage (I
C = 2.0 mA, V CE = 5.0 V)
V
BE(on)
580
660
700
mV
Base–Emitter Voltage
(I
C = 10 mA, V CE = 5.0 V)
770
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
f T
100
MHz
(I C = 10 mA, V CE = 5.0 Vdc, f = 100 MHz)
Output Capacitance (V CB = 10 V, f = 1.0 MHz)
C obo
4.5
pF
Noise Figure (I C = 0.2 mA,
NF
dB
V CE = 5.0 V dc, R S = 2.0 k
Ω, LBC846A,LBC846B, LBC847B, LBC848B
10
f = 1.0 kHz, BW = 200 Hz)
LBC847C, LBC848C
4.0
LBC846A
110
180
220
Rev.O 2/6


Similar Part No. - LBC847BDW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC847BDW1T1G LRC-LBC847BDW1T1G_15 Datasheet
236Kb / 6P
   Dual General Purpose Transistors
More results

Similar Description - LBC847BDW1T1G

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com