Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLVU28 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SLVU28
Description  SLVU2.8 LOW VOLTAGE EPD TVS DIODE FOR ESD AND LATCH-UP PROTECTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SLVU28 Datasheet(HTML) 5 Page - Semtech Corporation

  SLVU28 Datasheet HTML 1Page - Semtech Corporation SLVU28 Datasheet HTML 2Page - Semtech Corporation SLVU28 Datasheet HTML 3Page - Semtech Corporation SLVU28 Datasheet HTML 4Page - Semtech Corporation SLVU28 Datasheet HTML 5Page - Semtech Corporation SLVU28 Datasheet HTML 6Page - Semtech Corporation SLVU28 Datasheet HTML 7Page - Semtech Corporation SLVU28 Datasheet HTML 8Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ã 2000 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PROTECTION PRODUCTS
SLVU2.8
Applications Information (continued)
,PP
,6%
,37
,5
95:0
9
9
37 9&
9%55
,%55
6%
EPD TVS VI Characteristic Curve
EPD TVS™ Characteristics
The SLVU2.8 is constructed using Semtech’s propri-
etary EPD technology. The structure of the EPD TVS is
vastly different from the traditional pn-junction devices.
At voltages below 5V, high leakage current and junction
capacitance render conventional avalanche technology
impractical for most applications. However, by utilizing
the EPD technology, the SLVU2.8 can effectively
operate at 2.8V while maintaining excellent electrical
characteristics.
The EPD TVS employs a complex nppn structure in
contrast to the pn structure normally found in tradi-
tional silicon-avalanche TVS diodes. The EPD mecha-
nism is achieved by engineering the center region of
the device such that the reverse biased junction does
not avalanche, but will “punch-through” to a conduct-
ing state. This structure results in a device with supe-
rior dc electrical parameters at low voltages while
maintaining the capability to absorb high transient
currents.
The IV characteristic curve of the EPD device is shown
in Figure 1. The device represents a high impedance
to the circuit up to the working voltage (V
RWM). During a
transient event, the device will begin to conduct as it is
biased in the reverse direction. When the punch-
through voltage (V
PT) is exceeded, the device enters a
low impedance state, diverting the transient current
away from the protected circuit. When the device is
conducting current, it will exhibit a slight “snap-back” or
negative resistance characteristic due to its structure.
This must be considered when connecting the device
to a power supply rail. To return to a non-conducting
state, the current through the device must fall below
the snap-back current (approximately < 50mA).


Similar Part No. - SLVU28

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - SLVU28

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SLVU2.8 SEMTECH-SLVU2.8 Datasheet
168Kb / 10P
   Low Voltage EPD TVS Diode For ESD and Latch-Up Protection
SLVU2.8-8 SEMTECH-SLVU2.8-8 Datasheet
238Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
SLVU2.8-4 SEMTECH-SLVU2.8-4 Datasheet
201Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Samtec, Inc
SLVU2.8-4.TBT SAMTEC-SLVU2.8-4.TBT Datasheet
204Kb / 9P
   EPD TVS Diode Array For ESD and Latch-Up Protection
logo
Semtech Corporation
SLVE2.8 SEMTECH-SLVE2.8 Datasheet
194Kb / 7P
   EPD TVS??Diodes For ESD and Latch-Up Protection
logo
StarHope
TLSD2.8GU SPSEMI-TLSD2.8GU Datasheet
530Kb / 3P
   Low Voltage TVS Diode For ESD and Latch-Up Protection
logo
Semtech Corporation
SLVE28 SEMTECH-SLVE28 Datasheet
81Kb / 7P
   SLVE2.8 & SLVG2.8 EPD TVS DIODES FOR ESD AND LATCH-UP PROTECTION
SLVDA2.8 SEMTECH-SLVDA2.8 Datasheet
155Kb / 6P
   Low Voltage TVS Diode Array For ESD&Latch-up Protection
logo
Unisonic Technologies
SLVU2.8 UTC-SLVU2.8 Datasheet
81Kb / 3P
   LOW VOLTAGE DIODE FOR ESD AND LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
   TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com