Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK10EL15WD Datasheet(PDF) 2 Page - Semtech Corporation

Part # SK10EL15WD
Description  1:4 Clock Distribution
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK10EL15WD Datasheet(HTML) 2 Page - Semtech Corporation

  SK10EL15WD Datasheet HTML 1Page - Semtech Corporation SK10EL15WD Datasheet HTML 2Page - Semtech Corporation SK10EL15WD Datasheet HTML 3Page - Semtech Corporation SK10EL15WD Datasheet HTML 4Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.semtech.com
HIGH-PER.ORMANCE PRODUCTS
SK10/100EL15W
Revision 1/February 12, 2001
Package Information
D
C
K
T
168 PL
SEATING
PLANE
0.25 (0.010)
M
T
B
S
A S
G
–A–
P
–B
8 PL
0.25 (0.010) M
B
S
16
9
18
NOTES:
1.
Dimensioning and tolerancing per ANSI Y14.5M,
1982.
2.
Controlling dimension:
millimeter.
3.
Dimensions A and B do not include mold protrusion.
4.
Maximum mold protrusion 0.150 (0.006) per side.
5.
Dimension D does not include Dambar protrusion.
Allowable Dambar protrusion shall be 0.13 (0.005)
total in excess of d dimension at maximum material
condition.
16 Pin SOIC Package
S
R
E
T
E
M
I
L
L
I
MS
E
H
C
N
I
M
I
DN
I
MX
A
MN
I
MX
A
M
A0
8
/
90
0
.
0
16
8
3
.
03
9
3
.
0
B0
8
.
30
0
.
40
5
1
.
07
5
1
.
0
C5
3
.
15
7
.
14
5
0
.
08
6
0
.
0
D5
3
.
09
4
.
04
1
0
.
09
1
0
.
0
.0
4
.
05
2
.
16
1
0
.
09
4
0
.
0
G7
2
.
1C
S
B0
5
0
.
0C
S
B
J9
1
.
05
2
.
08
0
0
.
09
0
0
.
0
K0
1
.
05
2
.
04
0
0
.
09
0
0
.
0
M0o
7o
0o
7o
P0
8
.
50
2
.
69
2
2
.
04
4
2
.
0
R5
2
.
00
5
.
00
1
0
.
09
1
0
.
0


Similar Part No. - SK10EL15WD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
SK10EL12WD SEMTECH-SK10EL12WD Datasheet
119Kb / 5P
   Low Impedance Driver
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
SK10EL16VD SEMTECH-SK10EL16VD Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
SK10EL16VDT SEMTECH-SK10EL16VDT Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
More results

Similar Description - SK10EL15WD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL15 MICREL-SY10EL15 Datasheet
69Kb / 5P
   1:4 CLOCK DISTRIBUTION
SY100EL15L MICREL-SY100EL15L_06 Datasheet
60Kb / 5P
   3.3V 1:4 CLOCK DISTRIBUTION
SY100EL15L MICREL-SY100EL15L Datasheet
53Kb / 4P
   3.3V 1:4 CLOCK DISTRIBUTION
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
logo
PhaseLink Corporation
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
   1-to-4 Clock Distribution Buffer
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_05 Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
logo
Pericom Semiconductor C...
PI90LV14 PERICOM-PI90LV14 Datasheet
121Kb / 6P
   1:5 Clock Distribution
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com