Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK10EL12WD Datasheet(PDF) 2 Page - Semtech Corporation

Part # SK10EL12WD
Description  Low Impedance Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK10EL12WD Datasheet(HTML) 2 Page - Semtech Corporation

  SK10EL12WD Datasheet HTML 1Page - Semtech Corporation SK10EL12WD Datasheet HTML 2Page - Semtech Corporation SK10EL12WD Datasheet HTML 3Page - Semtech Corporation SK10EL12WD Datasheet HTML 4Page - Semtech Corporation SK10EL12WD Datasheet HTML 5Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.semtech.com
HIGH-PER.ORMANCE PRODUCTS
SK10/100EL12W
Revision 1/ January 24, 2001
Package Information
PIN Descriptions
S
R
E
T
E
M
I
L
L
I
M
M
I
DN
I
MX
A
M
A5
3
.
15
7
.
1
1
A0
1
.
05
2
.
0
B5
3
.
09
4
.
0
C9
1
.
05
2
.
0
D0
8
.
40
0
.
5
E0
8
.
30
0
.
4
e7
2
.
1C
S
B
H0
8
.
50
2
.
6
h5
2
.
00
5
.
0
L0
4
.
05
2
.
1
θ
0o
7o
8 Pin SOIC Package
NOTES:
1.
Dimensions are in millimeters.
2.
Dimensions D and E do no include mold protrusion.
3.
Maximum mold protrusion 0.15 per side.
4.
Dimension B does not include Dambar protrusion.
Allowable Dambar protrusion shall be 0.127 total
in excess of the B dimension at maximum material
condition.
END VIEW
TOP VIEW
8
5
1
4
D
E
L
H
e
B
B
C
A1
A
A
h x 45o
C
q
0.25
M
B
M
0.25
M C
B
S
A
S
0.10
Seating
Plane


Similar Part No. - SK10EL12WD

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
   1:2 Differential Fanout Buffer
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
   1:4 Clock Distribution
SK10EL16VD SEMTECH-SK10EL16VD Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
SK10EL16VDT SEMTECH-SK10EL16VDT Datasheet
146Kb / 9P
   Differential Receiver with Variable Output Swing
More results

Similar Description - SK10EL12WD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL12 MICREL-SY10EL12_06 Datasheet
49Kb / 4P
   LOW-IMPEDANCE DRIVER
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12 Datasheet
52Kb / 2P
   Low Impedance Driver
1997 REV 0
MC10EL12 ONSEMI-MC10EL12 Datasheet
73Kb / 2P
   Low Impedance Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL12 MICREL-SY10EL12 Datasheet
47Kb / 4P
   LOW-IMPEDANCE DRIVER
logo
ON Semiconductor
MC100LVEL12 ONSEMI-MC100LVEL12_06 Datasheet
135Kb / 7P
   3.3V ECL Low Impedance Driver
December, 2006 ??Rev. 3
MC10EL12 ONSEMI-MC10EL12_06 Datasheet
143Kb / 8P
   5.0 V ECL Low Impedance Driver
December, 2006 ??Rev. 6
logo
United Chemi-Con, Inc.
EKZE350ELL221MJC5S CHEMI-CON-EKZE350ELL221MJC5S Datasheet
70Kb / 3P
   Low impedance, 105C
ELXV630E CHEMI-CON-ELXV630E Datasheet
438Kb / 3P
   Low impedance, 105?
EMVY500ADA CHEMI-CON-EMVY500ADA Datasheet
410Kb / 2P
   Low impedance, 105?
EMZA250ADA CHEMI-CON-EMZA250ADA Datasheet
424Kb / 2P
   Low impedance, 105?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com