Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUCM322 Datasheet(PDF) 10 Page - Analog Devices

Part # ADUCM322
Description  Up to 16 ADC input channels
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM322 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUCM322 Datasheet HTML 6Page - Analog Devices ADUCM322 Datasheet HTML 7Page - Analog Devices ADUCM322 Datasheet HTML 8Page - Analog Devices ADUCM322 Datasheet HTML 9Page - Analog Devices ADUCM322 Datasheet HTML 10Page - Analog Devices ADUCM322 Datasheet HTML 11Page - Analog Devices ADUCM322 Datasheet HTML 12Page - Analog Devices ADUCM322 Datasheet HTML 13Page - Analog Devices ADUCM322 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
ADuCM322
Rev. 0 | Page 9 of 23
SPI Timing
Table 4. SPI Master Mode Timing (Phase Mode = 1)
Parameter
Description
Min
Typ
Max
Unit
tSL
SCLK low pulse width
(SPIDIV + 1) × tHCLK/2
ns
tSH
SCLK high pulse width
(SPIDIV + 1) × tHCLK/2
ns
tDAV
Data output valid after SCLK edge
0
3
ns
tDSU
Data input setup time before SCLK edge
½ SCLK
ns
tDHD
Data input hold time after SCLK edge
SCLK
ns
tDF
Data output fall time
SCLK
ns
tDR
Data output rise time
25
ns
tSR
SCLK rise time
25
ns
tSF
SCLK fall time
20
ns
Figure 3. SPI Master Mode Timing (Phase Mode = 1)
SCLK
(POLARITY = 0)
SCLK
(POLARITY = 1)
MOSI
MSB
BITS 6 TO 1
LSB
MISO
MSB IN
BITS 6 TO 1
LSB IN
tSH
tSL
tSR
tSF
tDR
tDF
tDAV
tDSU
tDHD


Similar Part No. - ADUCM322

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM322I AD-ADUCM322I Datasheet
464Kb / 23P
   general-purpose timers
More results

Similar Description - ADUCM322

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W55AD808 ETC2-W55AD808 Datasheet
499Kb / 6P
   8-bit ADC with 8 input channels
logo
PHOENIX CONTACT
5101C PHOENIX-5101C Datasheet
244Kb / 8P
   Digital Input Module With 16 Channels
logo
Analog Devices
EVAL-AD7798EB AD-EVAL-AD7798EB Datasheet
520Kb / 7P
   16-Bit Low Power 誇-? ADC (3 Channels)
Rev. Pr A
logo
National Instruments Co...
777740-01 NI-777740-01 Datasheet
446Kb / 8P
   High-Speed Voltage Output- up to 1 MS/s/Channel, up to 16-Bit, up to 32 Channels
NI673X NI-NI673X Datasheet
337Kb / 8P
   High-Speed Voltage Output - up to 1 MS/s/Channel,up to 16 Bits, up to 32 Channels
logo
Xilinx, Inc
DS416 XILINX-DS416 Datasheet
1,021Kb / 50P
   Supports up to 2 physical channels
logo
Maxim Integrated Produc...
MAX5861EVKIT MAXIM-MAX5861EVKIT Datasheet
6Mb / 64P
   Evaluates Up to 160 SCQAM Channels and/or 6 OFDM Channels
Rev 0; 6/15
logo
Texas Instruments
SM73201 TI1-SM73201 Datasheet
486Kb / 21P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
ADC161S626 TI1-ADC161S626 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
logo
National Semiconductor ...
ADC161S626 NSC-ADC161S626_09 Datasheet
592Kb / 22P
   16-Bit, 50 to 250 kSPS, Differential Input, MicroPower ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com