Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HPR12K-00 Datasheet(PDF) 4 Page - Emerson Network Power

Part No. HPR12K-00
Description  Connecting the input power cable, output load cable and communication wire according to the below figure.
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMERSON-NETWORKPOWER [Emerson Network Power]
Homepage  http://www.emersonnetworkpower.com
Logo 

   
 4 page
background image
Rev.06.09.10
HPR12K-00
4 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
5.1 Main Output Connection
5. Connector Define for I/O
No.
Designation
Identification
Terminal Type
+48Vdc
+
MAIN OUTPUT
Ring Lug, M6 screw
+48V_RTN
-
MAIN OUTPUT RETURN
Ring Lug, M6 screw
Mating Terminal screw: SUPPLY TECHNOLOGIES 6040289-0010-EC-A
Table 3 Main Output Connection Definition
5.2 PMBus Communication Connection
Use output connector below table5 , Description named CN1.
Self Connector
Mating Connector
Landwin 2051P1000T
Housing: Landwin 2050S1000
(Astec P/N: 13866002800)
Pins: Landwin 2053T011P
Table 4 PMBus Output Connector
Figure 3: Connector CN1
Signal
Name Description
Pin Qty.
Pin Number (s)
SCL
Serial Clock Signal
1
4
SDA
Serial Data Signal
1
2
Ishare
Load Share Bus
1
7
5Vsb
5Vsb External Bus
1
1
Sys_GND
Secondary Return
1
3
Unused
5
5, 6, 8, 9, 10
Table 5 Output Connection Definitions for PMBus
5.3 5V Stand-By Auxiliary Output CN2
Self Connector
Mating Connector
Tyco: 1-794528-1
Tyco: 794657-6
(Astec P/N: 13870012770)
Table 6 PMBus Output Connector
Figure 4: Connector CN2
Signal
Name Description
Pin Qty.
Pin Number (s)
Stby_Rtn_Sense
Return sense for Stby ground
1
1
5Vsb
5Vsb External Bus
2
2, 3
Sys_GND
Standby GND
2
5, 6
Unused
1
4
Table 7 Output Connection Definitions foe 5V Standby




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl