Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HPR12K-00 Datasheet(PDF) 3 Page - Emerson Network Power

Part No. HPR12K-00
Description  Connecting the input power cable, output load cable and communication wire according to the below figure.
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMERSON-NETWORKPOWER [Emerson Network Power]
Homepage  http://www.emersonnetworkpower.com
Logo 

   
 3 page
background image
Rev.06.09.10
HPR12K-00
3 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
3.2 Remote ON/OFF
The per PSON# signal is required to remotely turn on/off the power supply. PSON# is an active low signal that turns on
the +48VDC power rail. When this signal is not pulled low by the system, or left open, the +48VDC output turns off.
The 5Vsb output remains on. This signal is pulled to a standby voltage by a pull-up resistor internal to the power sup-
ply. The power supply fan(s) shall operate at the lowest speed.
Signal Type
Accepts an open collector/drain input from the system.
Pulled-up to the 3V3sb located inside the power supply.
PSON# = Low
ON
PSON# = Open
OFF
MIN
MAX
Logic level low (power supply ON)
0 V
0.4 V
Logic level high (power supply OFF)
2.40 V
3.40 V
Source current, Vpson = low
4 mA
Power up delay: T pson_on_delay
5msec
400msec
Refer to IPS of HPS3000-9 PN: 41966008950
Table 2 PSON# Signal Characteristics
4. PMBus Communication
The per power supplies can be communicated with computer by our GUI interface hardware and software.




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl