Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HPR12K-00 Datasheet(PDF) 5 Page - Emerson Network Power

Part No. HPR12K-00
Description  Connecting the input power cable, output load cable and communication wire according to the below figure.
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMERSON-NETWORKPOWER [Emerson Network Power]
Homepage  http://www.emersonnetworkpower.com
Logo 

   
 5 page
background image
Rev.06.09.10
HPR12K-00
5 of 6
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
5.4 Signal Output Connector CN3
Self Connector
Mating Connector
Molex: 52986-2679
Tyco: 2-5175677-4
(Astec P/N: 13870011610)
Table 8 Signal Output Connector
Figure 5: Connector CN3
Signal
Name Description
Pin Qty.
Pin Number (s)
SYS_GND
Standby GND
2
1, 14
UNIT1_PRESENT#
Power supply present for Unit 1
1
2
UNIT2_PRESENT#
Power supply present for Unit 2
1
3
UNIT3_PRESENT#
Power supply present for Unit 3
1
4
UNIT4_PRESENT#
Power supply present for Unit 4
1
5
UNIT1_DCOK/PWOK#
Power OK output for Unit 1
1
6
UNIT2_DCOK/PWOK#
Power OK output for Unit 2
1
7
UNIT3_DCOK/PWOK#
Power OK output for Unit 3
1
8
UNIT4_DCOK/PWOK#
Power OK output for Unit 4
1
9
UNIT1_ACOK#
AC input present for Unit 1
1
10
UNIT2_ACOK#
AC input present for Unit 2
1
11
UNIT3_ACOK#
AC input present for Unit 3
1
12
UNIT4_ACOK#
AC input present for Unit 4
1
13
UNIT1_PSON#
Power enable input for Unit 1
1
15
UNIT2_PSON#
Power enable input for Unit 2
1
16
UNIT3_PSON#
Power enable input for Unit 3
1
17
UNIT4_PSON#
Power enable input for Unit 4
1
18
UNIT1_PSKILL
Minimize arching damage to the power pins
1
19
UNIT2_PSKILL
Minimize arching damage to the power pins
1
20
UNIT3_PSKILL
Minimize arching damage to the power pins
1
21
UNIT4_PSKILL
Minimize arching damage to the power pins
1
22
UNIT1_#ALERT
Warning signal
1
23
UNIT2_#ALERT
Warning signal
1
24
UNIT3_#ALERT
Warning signal
1
25
UNIT4_#ALERT
Warning signal
1
26
Table 7 Output Connection Definitions foe 5V Standby




Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl