Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGQ200B-48S3V3PB-4L Datasheet(PDF) 2 Page - Emerson Network Power

Part # AGQ200B-48S3V3PB-4L
Description  Delivering up to 40A output current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AGQ200B-48S3V3PB-4L Datasheet(HTML) 2 Page - Emerson Network Power

  AGQ200B-48S3V3PB-4L Datasheet HTML 1Page - Emerson Network Power AGQ200B-48S3V3PB-4L Datasheet HTML 2Page - Emerson Network Power AGQ200B-48S3V3PB-4L Datasheet HTML 3Page - Emerson Network Power AGQ200B-48S3V3PB-4L Datasheet HTML 4Page - Emerson Network Power AGQ200B-48S3V3PB-4L Datasheet HTML 5Page - Emerson Network Power AGQ200B-48S3V3PB-4L Datasheet HTML 6Page - Emerson Network Power AGQ200B-48S3V3PB-4L Datasheet HTML 7Page - Emerson Network Power AGQ200B-48S3V3PB-4L Datasheet HTML 8Page - Emerson Network Power AGQ200B-48S3V3PB-4L Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AGQ200B-48S3V3 DC-DC Converter
2/14
http://www.emersonnetworkpower.com.cn
Electrical Characteristics
Full operating ambient temperature range is -40°C to +85°C.
Specifications are subject to change without notice.
Parameter
Min.
Typ.
Max.
Unit
Notes & Conditions
Absolute max. ratings
Non-operating
100
V
100ms
Input Voltage
Operating
80
V
Continuous
Operating temperature
-40
85
°C
Storage temperature
-55
125
°C
Voltage at remote ON/OFF pin
-0.7
12
V
Input characteristics
Operating input voltage range
36
48
75
V
Turn-on voltage
threshold
31
34
36
V
Turn-off voltage
threshold
30
33
35
V
Input
under-voltage
lockout
Lockout voltage
hysteresis
1
3
V
Max. input current
4.5
A
36Vin, full load
No-load input current
0.07
0.1
A
Standby Input current
0.01
0.1
A
Remote OFF
Inrush current transient rating
0.5
1
A
2s
Input reflected ripple current
13
20
mA
Through 12µH inductor, Figure 4
Input voltage ripple rejection
40
75
dB
120Hz
Recommended input fuse
15
A
Fast blow external fuse
recommended; Figure 11
Input filter component values (C\L)
5.4\3.3
µF\µH
Internal values
Recommended external input
capacitance
100
µF
Low ESR capacitor
recommended; Figure 11
Output characteristics
Output voltage set point (standard
option)
3.25
3.30
3.35
V
48Vin, full load
Output voltage line regulation
0.5
5
mV
Output voltage load regulation
0.4
10
mV
Output voltage temperature
regulation
0.02
%/°C


Similar Part No. - AGQ200B-48S3V3PB-4L

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AGQ200 ADVANCEDENERGY-AGQ200 Datasheet
420Kb / 6P
   132 Watts
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2B-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2B-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2P-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2P-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
More results

Similar Description - AGQ200B-48S3V3PB-4L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
   OUTPUT CURRENT UP TO 20A
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com