Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGQ200B-48S3V3B-4L Datasheet(PDF) 1 Page - Emerson Network Power

Part # AGQ200B-48S3V3B-4L
Description  Delivering up to 40A output current
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AGQ200B-48S3V3B-4L Datasheet(HTML) 1 Page - Emerson Network Power

  AGQ200B-48S3V3B-4L Datasheet HTML 1Page - Emerson Network Power AGQ200B-48S3V3B-4L Datasheet HTML 2Page - Emerson Network Power AGQ200B-48S3V3B-4L Datasheet HTML 3Page - Emerson Network Power AGQ200B-48S3V3B-4L Datasheet HTML 4Page - Emerson Network Power AGQ200B-48S3V3B-4L Datasheet HTML 5Page - Emerson Network Power AGQ200B-48S3V3B-4L Datasheet HTML 6Page - Emerson Network Power AGQ200B-48S3V3B-4L Datasheet HTML 7Page - Emerson Network Power AGQ200B-48S3V3B-4L Datasheet HTML 8Page - Emerson Network Power AGQ200B-48S3V3B-4L Datasheet HTML 9Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
48Vdc Input, 3.3Vdc@40A Output Quarter-brick
DC-DC Converter AGQ200B-48S3V3
Document No. 31020964
December 1, 2009
Rev 1.6
Description
The AGQ200B-48S3V3 is a single output
DC-DC converter with standard quarter-brick
outline and pin configuration. It delivers up to
40A output current with 3.3V output voltage.
Above 92% efficiency and excellent thermal
performance make it an ideal choice to supply
power in telecom and datacom. It can work
under -40°C ~ +85°C.
Operational Features
Delivering up to 40A output current
Ultra-high efficiency 92% typ. at full load
Wide input range: 36V ~ 75V
Excellent thermal performance
No minimum load requirement
Fixed frequency operation
RoHS 6, RoHS 5 compliant
Control Features
Remote control function
Remote output sense
Trim function: -20% ~ +10%
Protection Features
Input under voltage lockout
Output over current protection
Output over voltage protection
Over temperature protection
Mechanical Features
Industry standard quarter-brick pin-out
outline
Open frame or baseplate optional
Pin length option: 3.8mm, 4.8mm, 5.8mm
Safety & EMC
Meets safety standards UL 60950-1,
CSA-C22.2
NO.
60950-1,
IEC/EN
60950-1 and GB4943
Approved by UL and TUV
Meets
2006/95/EEC
and
93/68/EEC
directives which facilitates CE marking in
user’s end product
Meets conducted emission's requirements
of EN55022 Class A with external filter


Similar Part No. - AGQ200B-48S3V3B-4L

ManufacturerPart #DatasheetDescription
logo
Advanced Energy Industr...
AGQ200 ADVANCEDENERGY-AGQ200 Datasheet
420Kb / 6P
   132 Watts
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2B-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2B-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200-48S1V2P-4L EMERSON-NETWORKPOWER-AGQ200-48S1V2P-4L Datasheet
340Kb / 13P
   Delivering up to 40A output current
More results

Similar Description - AGQ200B-48S3V3B-4L

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
logo
Analog Devices
MAX77675 AD-MAX77675 Datasheet
4Mb / 64P
   Low IQ SIMO PMIC with 0.5V to 5.5V Outputs Delivering Up to 700mA Total Output Current
Rev 0; 03/23
logo
Power Mate Technology C...
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
   OUTPUT CURRENT UP TO 20A
logo
Lineage Power Corporati...
NSR040A0X43Z LINEAGEPOWER-NSR040A0X43Z Datasheet
498Kb / 18P
   5 - 13.8Vdc input; 0.6Vdc to 5.0Vdc Output; 40A output current
EQW010A0B1 LINEAGEPOWER-EQW010A0B1 Datasheet
1Mb / 28P
   36 - 75Vdc Input; 1.0 to 12.0Vdc Output; 10 to 40A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com