Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

195T5 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 195T5
Description  Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

195T5 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  195T5 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HIGH CURRENT
195T5
C. BACIK
04/30/2014
APP'D. BY:
CHK'D BY:
DWG. BY:
TITLE:
DWG. NO.
DIMENSIONS:
A
@ 5.0V, 60Hz,
Iex
DIMENSIONS: IN( ) MM( )
52 RANKIN PLACE,
WATERLOO, ONTARIO, N2J 3Z5
PH # (519) 886-6181
FAX # (519) 886-9540
X
ELECTRONIC DIVISION
04/30/2014
RELEASED.
0
DATE
REVISION
REV.#
DATE:
ELECTRICAL DATA:
TESTS
CONDITIONS
ACCEPTANCE CRITERIA
@ 5.0ADC =
INDUCTOR
5.25" MAX.
B
C
D
F
DCR
HIPOT
OPERATING VOLTAGE
750 VAC max.
TRANSMITTED OR USED IN ANY MANNER WHATSOEVER WITHOUT THE WRITTEN PERMISSION OF HAMMOND MANUFACTURING.
THIS DRAWING AND THE INFORMATION IT CONVEYS ARE THE PROPERTY OF HAMMOND MANUFACTURING. IT MAY NOT BE REPRODUCED,
PROPERTY AND COPYRIGHT NOTICE
92.2mA - 124.8mA
5.0A DC
LUG
LUG
SCHEMATIC
E
G
Inductance
WEIGHT
14 LBS.
195T5
100 mH @ 5.0ADC
DATE CODE
MADE IN CANADA
LABEL
G (MTG. SLOT)
C
PRMARY - CORE
2000V, 60Hz, 1 SEC
OPERATING TEMPERATURE
OPERATING VOLTAGE
600 VDC max.


Similar Part No. - 195T5

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
195T1 HAMMOND-195T1 Datasheet
144Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195T10 HAMMOND-195T10 Datasheet
199Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
More results

Similar Description - 195T5

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1456PL3 HAMMOND-1456PL3 Datasheet
221Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
1456WK4 HAMMOND-1456WK4 Datasheet
252Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195G10 HAMMOND-195G10 Datasheet
186Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195G30 HAMMOND-195G30 Datasheet
181Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195K16 HAMMOND-195K16 Datasheet
169Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195M30 HAMMOND-195M30 Datasheet
183Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195S4 HAMMOND-195S4 Datasheet
146Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
196B50 HAMMOND-196B50 Datasheet
152Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
290VX HAMMOND-290VX Datasheet
232Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
R191-152-000 HAMMOND-R191-152-000 Datasheet
869Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
195C30 HAMMOND-195C30 Datasheet
181Kb / 1P
   Enclosures can be Factory Modified ( Milling, Drilling, Printing etc. )
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com